Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 5 Page - STMicroelectronics

  L5050 Datasheet HTML 1Page - STMicroelectronics L5050 Datasheet HTML 2Page - STMicroelectronics L5050 Datasheet HTML 3Page - STMicroelectronics L5050 Datasheet HTML 4Page - STMicroelectronics L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 3: absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality documents.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
DC supply voltage
-0.3 to 40
V
Is
Input current
internally limited
-
Vo
DC output voltage
-0.3 to 6
V
Io
DC output current
internally limited
-
VEn
Enable input
-0.3 to 40
-
TJ
Junction operating temperature
-40 to 150
°C
VESD HBM
ESD HBM voltage level (HBM-MIL STD 883C)
±2
kV
VESD CDM
ESD CDM voltage level (CDM)
±750 (1)
V
1. ±500 V for En1 and En2 (only for L5050SD).
Table 4. Thermal data
Item
Symbol
Parameter
Value (1)
Unit
L5050S
L5050SD
A.022
RthJL
Thermal resistance, junction-to-lead
60.6
60.6
°C/W
A.001
RthJA
Thermal resistance, junction-to-ambient
96
94
°C/W
1. PCB: single layer; FR4 area = 77 mm x 86 mm; PCB thickness = 1.6 mm; Cu thickness = 70 µm (front side), Cu area = 2
cm^2.
L5050
Electrical specifications
DS13704 - Rev 3
page 5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com