Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 3 Page - STMicroelectronics

  L5050 Datasheet HTML 1Page - STMicroelectronics L5050 Datasheet HTML 2Page - STMicroelectronics L5050 Datasheet HTML 3Page - STMicroelectronics L5050 Datasheet HTML 4Page - STMicroelectronics L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Figure 2. Functional block diagram - L5050SD
THERMAL
SHUTDOWN
CURRENT
LIMITER
VOLTAGE
REFERENCE
POWER
DRIVER
START -UP
VS2
EN2
VO2
GND2
+
-
2.5 V
THERMAL
SHUTDOWN
CURRENT
LIMITER
VOLTAGE
REFERENCE
POWER
DRIVER
START -UP
VS1
EN1
VO1
GND1
+
-
2.5 V
Table 2. L5050SD pins description
Pin name
Pin number
Function
GND1
1
Ground reference for regulator 1
Vo1
2
5 V regulated output 1. Block to GND1 with a ceramic capacitor
(≥ 220 nF for regulator stability)
GND2
3
Ground reference for regulator 2
Vo2
4
5 V regulated output 2. Block to GND2 with a ceramic capacitor
(≥ 220 nF for regulator stability)
VS2
5
Supply voltage 2, block directly to GND2 on the IC with a capacitor
En2
6
Enable pin for regulator 2:
•
high signal to switch the regulator on
VS1
7
Supply voltage 1, block directly to GND1 on the IC with a capacitor.
En1
8
Enable pin for regulator 1:
•
high signal to switch the regulator on
L5050
Block diagram and pins description
DS13704 - Rev 3
page 3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com