Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 2Page - STMicroelectronics L5050 Datasheet HTML 3Page - STMicroelectronics L5050 Datasheet HTML 4Page - STMicroelectronics L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics L5050 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
2.2
Electrical characteristics
Values specified in this section are for VS = 5.6 V to 31 V, TJ = - 40 °C to +150 °C, unless otherwise stated.
Table 5. General
Item
Pin
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
A.002
Vo
Vo
Output voltage
VS = 5.6 to 31 V;
Io = 5 to 50 mA
4.9
5
5.1
V
A.020
Vo
Vo
Output voltage(1)
VS = 5.6 to 31 V;
Io = 100 mA(2)
4.85
5
5.15
V
A.003
Vo
Ishort
Short circuit current
VS = 5.6 to 31 V
200
380
550
mA
VS = 10.5 V
200
370
450
A.004
Vo
Ilim(3)
Output current limitation
VS = 10.5 V
100
225
450
mA
110(1)
-
-
A.005 VS, Vo
Vline
Line regulation voltage
VS = 5.6 to 18 V;
Io = 5 to 50 mA
-
-
50
mV
A.021 VS, Vo
Vline
Line regulation voltage(1)
VS = 5.6 to 18 V;
Io = 100 mA(2)
-
-
60
mV
A.006
Vo
Vload
Load regulation voltage(1)
VS = 5.6 to 31 V;
Io = 5 to 100 mA(2)
-
-
55
mV
A.007 VS, Vo
Vdp
Drop voltage(1)
Io = 100 mA(2)
-
-
500
mV
A.008 VS, Vo
SVR
Ripple rejection
fr = 100 Hz(4)
-
60
dB
A.009
Vo
Ioth_H
Normal consumption mode output current
-
4
-
-
mA
A.010
Vo
Ioth_L
Very low consumption mode output current
-
-
-
0.1
mA
A.011 VS, Vo
Iqn
Current consumption with regulator disabled
Iqn = IVS - Io
VS = 13.5 V,
En = low
-
5
10
µA
A.012 VS, Vo
Iqn_1
Current consumption with regulator enabled
Iqn_1 = IVS - Io
Io = 0.1 mA to 0.3 mA;
En = high
-
50
70
µA
A.013 VS, Vo
Iqn_100
Current consumption with regulator enabled (1)
Iqn_100 = IVS - Io
Io = Ioth_H to 100 mA(2);
En = high
-
2
4.2
mA
A.014
Tw
Thermal protection temperature (5)
-
150
-
190
°C
A.015
Tw_hy
Thermal protection temperature hysteresis
-
-
10
-
°C
1. Those parameters are achieved by characterization on a small sample size from typical devices under typical conditions.
2. Up to 100 mA as pulsed current.
3. Measured output current when the output voltage has dropped 200 mV from its nominal value obtained at Vs = 10.5 V and
Io = 25 mA.
4. Guaranteed by design.
5. Thermal protection is guaranteed by design and characterization.
L5050
Electrical characteristics
DS13704 - Rev 3
page 6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com