Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 17Page - STMicroelectronics L5050 Datasheet HTML 18Page - STMicroelectronics L5050 Datasheet HTML 19Page - STMicroelectronics L5050 Datasheet HTML 20Page - STMicroelectronics L5050 Datasheet HTML 21Page - STMicroelectronics L5050 Datasheet HTML 22Page - STMicroelectronics L5050 Datasheet HTML 23Page - STMicroelectronics L5050 Datasheet HTML 24Page - STMicroelectronics L5050 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
List of figures
Figure 1.
Functional block diagram - L5050S ...................................................... 2
Figure 2.
Functional block diagram - L5050SD ..................................................... 3
Figure 3.
Pins configuration .................................................................. 4
Figure 4.
Output voltage vs TJ ................................................................ 8
Figure 5.
Output voltage vs Vs ................................................................ 8
Figure 6.
Output voltage vs Ven ............................................................... 8
Figure 7.
Drop voltage vs output current ......................................................... 8
Figure 8.
Current consumption vs output current ................................................... 8
Figure 9.
Current consumption vs output current (at light load condition) ................................... 8
Figure 10.
Current consumption vs input voltage (Io = 0.15 mA) .......................................... 9
Figure 11.
Current consumption vs input voltage (Io = 50 mA) ........................................... 9
Figure 12.
Current limitation vs TJ .............................................................. 9
Figure 13.
Current limitation vs input voltage ....................................................... 9
Figure 14.
Short-circuit current vs TJ............................................................. 9
Figure 15.
Short-circuit current vs input voltage ..................................................... 9
Figure 16.
VEn_high vs TJ .................................................................... 10
Figure 17.
VEn_ low vs TJ .................................................................... 10
Figure 18.
PSRR ......................................................................... 10
Figure 19.
Application schematic - L5050S ....................................................... 11
Figure 20.
Application schematic - L5050SD - common input voltage ..................................... 12
Figure 21.
Application schematic - L5050SD - double supply line for the input voltages ......................... 12
Figure 22.
Stability region ................................................................... 13
Figure 23.
Maximum load variation response ...................................................... 13
Figure 24.
SO-8 PC board for L5050S .......................................................... 14
Figure 25.
SO-8 PC board for L5050SD ......................................................... 14
Figure 26.
Rthj-amb vs PCB copper area in open box free air condition.................................... 15
Figure 27.
SO-8 thermal impedance junction ambient single pulse (L5050S) ................................ 15
Figure 28.
SO-8 thermal impedance junction ambient single pulse (one channel on for L5050SD) ................. 15
Figure 29.
L5050S thermal fitting model of a Vreg in SO-8 ............................................. 16
Figure 30.
L5050SD Thermal fitting model of a Vreg in SO-8 ........................................... 16
Figure 31.
SO-8 package outline .............................................................. 18
Figure 32.
SO-8 recommended footprint (dimensions are in mm) ........................................ 19
Figure 33.
SO-8 tape and reel shipment (suffix “TR”) ................................................ 20
L5050
List of figures
DS13704 - Rev 3
page 24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com