Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 15Page - STMicroelectronics L5050 Datasheet HTML 16Page - STMicroelectronics L5050 Datasheet HTML 17Page - STMicroelectronics L5050 Datasheet HTML 18Page - STMicroelectronics L5050 Datasheet HTML 19Page - STMicroelectronics L5050 Datasheet HTML 20Page - STMicroelectronics L5050 Datasheet HTML 21Page - STMicroelectronics L5050 Datasheet HTML 22Page - STMicroelectronics L5050 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Table 9. SO-8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
-
-
1.75
A1
0.10
-
0.25
A2
1.25
-
-
b
0.28
-
0.48
c
0.17
-
0.23
D
4.80
4.90
5.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
-
1.27
-
h
0.25
-
0.50
L
0.40
-
1.27
L1
-
1.04
-
k
0°
-
8°
ccc
-
-
0.10
Figure 32. SO-8 recommended footprint (dimensions are in mm)
0016023_Rev12
L5050
SO-8 package information
DS13704 - Rev 3
page 19/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com