Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics L5050 Datasheet HTML 10Page - STMicroelectronics L5050 Datasheet HTML 11Page - STMicroelectronics L5050 Datasheet HTML 12Page - STMicroelectronics L5050 Datasheet HTML 13Page - STMicroelectronics L5050 Datasheet HTML 14Page - STMicroelectronics L5050 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
3
Protection features
3.1
Voltage regulator
Voltage regulator uses a p-channel MOS transistor as a regulating element. With that structure, a very low
dropout voltage at current up to 100 mA pulsed current is obtained. The output voltage is regulated up to transient
input supply voltage of 40 V. The high-precision of the output voltages (± 2%) is obtained with a pre-trimmed
reference voltage. The voltage regulator automatically adapts its own quiescent current to the output current
level. In light load conditions, the quiescent current goes down to 50 µA only in low consumption mode (for
each regulating element in L5050SD). This procedure features a certain hysteresis on the output current (see
Figure 9. Current consumption vs output current (at light load condition)). Short-circuit protection to GND and a
thermal shutdown are provided.
Figure 19. Application schematic - L5050S
L5050S
C2
VS1
En1
GND1
C0
VO1
VBAT
C1
L5050
Protection features
DS13704 - Rev 3
page 11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com