Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 9Page - STMicroelectronics L5050 Datasheet HTML 10Page - STMicroelectronics L5050 Datasheet HTML 11Page - STMicroelectronics L5050 Datasheet HTML 12Page - STMicroelectronics L5050 Datasheet HTML 13Page - STMicroelectronics L5050 Datasheet HTML 14Page - STMicroelectronics L5050 Datasheet HTML 15Page - STMicroelectronics L5050 Datasheet HTML 16Page - STMicroelectronics L5050 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
The input capacitor C1 is necessary as backup supply for short battery voltage interruption, which may occur on
the line. Its value, should be chosen according to the relevant application requirement. The second input capacitor
C2 ≥ 220 nF is needed when the C1 is too distant from the VS pin and it compensates smooth line disturbances.
The C0 ceramic capacitor, connected to the output pin, is for bypassing to GND the high-frequency noise and it
guarantees stability even during sudden line and load variations. Suggested value is C0 = 220 nF with ESR ≥ 100
mΩ. Stability region is reported in the figure below.
Figure 22. Stability region
0.01
0.10
1.00
10.00
0.22
0.47
1.00
2.20
3.30
4.70
10.00
Co (µF)
STABILITY REGION
UNTESTED REGION
ESR min
Figure 23. Maximum load variation response
3.2
Enable
L5050 features enable input (two enable input pins for the L5050SD, one for each voltage regulator).
A high voltage level at the enable input pin switches the regulator element ON. In standby mode, with the
enable input pin low, the regulator output is disabled and the current consumption of the corresponding regulator
(quiescent current) is typically 5 μA.
L5050
Enable
DS13704 - Rev 3
page 13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com