Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 10Page - STMicroelectronics L5050 Datasheet HTML 11Page - STMicroelectronics L5050 Datasheet HTML 12Page - STMicroelectronics L5050 Datasheet HTML 13Page - STMicroelectronics L5050 Datasheet HTML 14Page - STMicroelectronics L5050 Datasheet HTML 15Page - STMicroelectronics L5050 Datasheet HTML 16Page - STMicroelectronics L5050 Datasheet HTML 17Page - STMicroelectronics L5050 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
4
Package and PCB thermal data
Figure 24. SO-8 PC board for L5050S
Note:
Layout condition of Rth and Zth measurements (PCB: single layer; FR4 area = 77 mm x 86 mm;
PCB thickness = 1.6 mm; Cu thickness = 70 μm (front side), Cu area = 2 cm^2 for L5050S (picture on the right)).
Figure 25. SO-8 PC board for L5050SD
Note:
Layout condition of Rth and Zth measurements (PCB: single layer; FR4 area = 77 mm x 86 mm;
PCB thickness = 1.6 mm; Cu thickness = 70 µm (front side); Cu area = 2 cm^2 for L5050SD (picture on the
right)).
L5050
Package and PCB thermal data
DS13704 - Rev 3
page 14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com