Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 2 Page - STMicroelectronics

  L5050 Datasheet HTML 1Page - STMicroelectronics L5050 Datasheet HTML 2Page - STMicroelectronics L5050 Datasheet HTML 3Page - STMicroelectronics L5050 Datasheet HTML 4Page - STMicroelectronics L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
Block diagram and pins description
Figure 1. Functional block diagram - L5050S
THERMAL
SHUTDOWN
CURRENT
LIMITER
VOLTAGE
REFERENCE
POWER
DRIVER
START -UP
Vs
En
Vo
GND
+
-
2.5 V
Table 1. L5050S pins description
Pin name
Pin number
Function
N.C.
1
-
GND
2
Ground reference for regulator
Vo
3
5 V regulated output. Block to GND with a ceramic capacitor
(≥ 220 nF for regulator stability)
N.C.
4
-
N.C.
5
-
VS
6
Supply voltage, block directly to GND on the IC with a capacitor.
En
7
Enable pin for regulator: high signal to switch the regulator on
N.C.
8
-
L5050
Block diagram and pins description
DS13704 - Rev 3
page 2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com