Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics L5050 Datasheet HTML 10Page - STMicroelectronics L5050 Datasheet HTML 11Page - STMicroelectronics L5050 Datasheet HTML 12Page - STMicroelectronics L5050 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Figure 10. Current consumption vs input voltage (Io = 0.15
mA)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
IO (mA)
Vs = 13.5 V
0
10
20
30
40
50
60
70
80
90
100
5.6 6 6.5 7 7.5 8 8.5 9
10 11 12 13 14 15 16 17 18
Vs (V)
Figure 11. Current consumption vs input voltage
(Io = 50 mA)
0
0.5
1.0
1.5
2.0
2.5
5.6 6 6.5 7 7.5 8 8.5 9
10 11 12 13 14 15 16 17 18
Vs (V)
En =HIGH
Figure 12. Current limitation vs TJ
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VS = 10.5 V
Figure 13. Current limitation vs input voltage
50
70
90
110
130
150
170
190
210
230
5
7
9
11
13
15
17
19
VS (V)
TJ = 125°C
TJ = 25°C
Figure 14. Short-circuit current vs TJ
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
150
TJ (°C)
Vs = 10.5 V
Figure 15. Short-circuit current vs input voltage
300
325
350
375
400
425
0
2
4
6
8
10
12
14
16
18
20
VS (V)
TJ = 125°C
TJ = 25°C
L5050
Electrical characteristics curves
DS13704 - Rev 3
page 9/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com