Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Datasheet(HTML) 1 Page - STMicroelectronics

  L5050 Datasheet HTML 1Page - STMicroelectronics L5050 Datasheet HTML 2Page - STMicroelectronics L5050 Datasheet HTML 3Page - STMicroelectronics L5050 Datasheet HTML 4Page - STMicroelectronics L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SO-8
Features
Symbol
Parameter
Values
VS
Max DC supply voltage
40 V
ΔVO
Max output voltage tolerance
± 2%
Vdp
Max dropout voltage
500 mV
IO
Output current
50 mA (1)
2x50 mA (2)
Iqn
Quiescent current
50 µA (3)
1. For L5050S - single output. Up to 100 mA as pulsed current
2. For L5050SD - dual output. Up to 2x100 mA as pulsed current.
3. Typical value valid for each single output with En = LOW.
•
AEC-Q100 qualified
•
Operating DC supply voltage range 5.6 V to 40 V
•
Low dropout voltage
•
Low quiescent current consumption
•
Up to 100 mA and 2x100 mA as pulsed current
•
Precision output voltage 5 V ± 2%
•
Dual electrically isolated voltage regulators (only for L5050SD)
•
Enable input for enabling/disabling the voltage regulator
•
Thermal shutdown and short circuit protection
•
Wide temperature range (TJ = -40 °C to 150 °C)
Description
L5050 is a 5 V low dropout linear voltage regulator suitable for automotive
applications, available in single (L5050S) or dual isolated (L5050SD) linear output
voltage in a SO-8 package. The LDO delivers up to 50 mA (2x50 mA for the dual
version) of DC load current and consumes as low as 5 μA (per each output in
L5050SD) of quiescent current with device disabled. High output voltage accuracy (±
2%) is kept over wide temperature range, line and load variation. The L5050S is able
to deliver up to 100 mA (as pulsed current) and L5050SD up to 2x100 mA (as pulsed
current); duration of current is linked to thermal settings (such as PCB type, ambient
temperature). Enable features (two enables for the dual version) allow enabling or
disabling each output. The maximum input voltage is 40 V. The regulator output
current is internally limited and the device is protected against short circuit, overload
and over temperature conditions. In addition, only low value ceramic capacitor on
output is required for stability.
Product status link
L5050
Product summary
Order code
L5050STR
L5050SDTR
Package
SO-8
Packing
Tape and reel
Single and dual isolated 5 V low drop linear voltage regulators
for automotive application
L5050
Datasheet
DS13704 - Rev 3 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L5050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
5 V low drop linear voltage regulator for automotive application
15-Apr-2019
L5050STR STMICROELECTRONICS-L5050STR Datasheet
919Kb / 20P
5 V low drop linear voltage regulator for automotive application
15-Apr-2019
More results

Similar Description - L5050

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4699 INFINEON-TLE4699 Datasheet
1Mb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
logo
Shenzhen Huazhimei Semi...
HM75XXHB HMSEMI-HM75XXHB Datasheet
1Mb / 12P
low voltage drop and low power high voltage regulators
logo
Infineon Technologies A...
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
5 V low drop linear voltage regulator for automotive application
15-Apr-2019
logo
Infineon Technologies A...
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com