Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 7Page - STMicroelectronics L99VR01STR Datasheet HTML 8Page - STMicroelectronics L99VR01STR Datasheet HTML 9Page - STMicroelectronics L99VR01STR Datasheet HTML 10Page - STMicroelectronics L99VR01STR Datasheet HTML 11Page - STMicroelectronics L99VR01STR Datasheet HTML 12Page - STMicroelectronics L99VR01STR Datasheet HTML 13Page - STMicroelectronics L99VR01STR Datasheet HTML 14Page - STMicroelectronics L99VR01STR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Table 8. Watchdog (only for L99VR01J)
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.030
Wi
Vih
Input high voltage (1)
VS=5 V; 13.5 V
VO=3.3 V; VO=5 V
0.7 x
VO
V
A.031
Wi
Vil
Input low voltage (1)
VS = 5 V; 13.5 V
VO=3.3 V; VO=5 V
0.25 x
VO
V
A.033
Wi
IWi
Pull down current
Vwi = 3.3 V
6
10
μA
A.034
VCW
Vwlth
Low threshold
VS = 5V; 13.5 V
Vo=3.3V; Vo=5V
10 %
13 %
16 %
VO
A.035
VCW
Vwhth
High threshold
VS = 5V; 13.5 V
Vo=3.3V; Vo=5V
44 %
47 %
50 %
VO
A.036
VCW
ICWc
Charge current
VS = 5V; 13.5 V
VCW = 0.1V
Vo=3.3V; Vo=5V
5
10
20
μA
A.037
VCW
ICWd
Discharge current
VS = 5 V; 13.5 V
VCW = 2.5 V
VO=3.3 V; VO=5 V
1.25
2.5
5
μA
A.040
VCW
Iw_off
Watchdog deactivation
current threshold
VS = 5 V; 13.5 V
VO=3.3 V; VO=5 V
0.6
1.05
1.5
mA
A.041
VCW
Iw_on
Watchdog activation
current threshold
VS = 5 V; 13.5 V
VO=3.3 V; VO=5 V
2.2
3.35
4.5
mA
1. Watchdog input requires a square wave signal (duty cycle of 50 %)
Table 9. Enable
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.042
EN
VEn_low
EN input low voltage
0.6
V
A.043
EN
VEn_high EN input high voltage
1.5
V
A.045
EN
IEn
Pull down current
VS = 13.5 V
4
12
µA
Table 10. Output voltages selectors
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.046
SELx
VSELx_low
SELx input low voltage
0.3
V
A.047
SELx
VSELx_high
SELx input high voltage
0.7
V
A.048
SELx
ISELx
Pull down current
VS = 3.5V; 13.5 V
0.1
0.4
µA
L99VR01
Electrical characteristics
DS13649 - Rev 3
page 11/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com