Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 8Page - STMicroelectronics L99VR01STR Datasheet HTML 9Page - STMicroelectronics L99VR01STR Datasheet HTML 10Page - STMicroelectronics L99VR01STR Datasheet HTML 11Page - STMicroelectronics L99VR01STR Datasheet HTML 12Page - STMicroelectronics L99VR01STR Datasheet HTML 13Page - STMicroelectronics L99VR01STR Datasheet HTML 14Page - STMicroelectronics L99VR01STR Datasheet HTML 15Page - STMicroelectronics L99VR01STR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Table 11. Thermal warning and protection (only for L99VR01J)
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.049
TW
VTw_low
Thermal warning output
low voltage
Rext ≥ 4.7 kΩ to VO
VO=3.3 V; VO=5 V
0.2xVo
V
A.050
TW
Twarn
Thermal warning
temperature
140
150
165
°C
A.051
TW
Twarn_hyst
Thermal warning
hysteresis
3
11
15
°C
A.052
VO
OV
VO overvoltage
VS = 5 V; 13.5 V; VO
increasing
VO=3.3 V; VO=5 V
6.5%
10%
13.5%
Above
VO
A.056
VO
OV__hyst
VO overvoltage
hysteresis
VS = 5 V; 13.5 V; Vo
decreasing
V O=3.3 V; VO=5 V
2%
Below
OV
A.054
TW
Tw_per
Thermal warning square
wave period
VS = 5V; 13.5 V
VO=3.3 V; VO=5 V
160(1)
250
335
µs
1. Tw_per = 130 µs for Vs < 3.5V.
Note:
all parameters are guaranteed in the junction temperature range -40°C to 150°C (unless otherwise specified);
L99VR01J device is still operative and functional at higher temperatures (up to 175°C). Parameters limit
at higher junction temperature than 150°C may change respect to what is specified as per the standard
temperature range. device functionality at high junction temperature is guaranteed by characterization.
All parameters are guaranteed by design for Vo not reported in test condition.
Note:
minimum input voltage values are achievable adopting an input ceramic capacitator: C5750X7R2A475M230KA
– ceramic capacitor multistrate SMD, 4.7 μF, 100 V, ±20%, X7R, C series TDK.
L99VR01
Electrical characteristics
DS13649 - Rev 3
page 12/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com