Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 20Page - STMicroelectronics L99VR01STR Datasheet HTML 21Page - STMicroelectronics L99VR01STR Datasheet HTML 22Page - STMicroelectronics L99VR01STR Datasheet HTML 23Page - STMicroelectronics L99VR01STR Datasheet HTML 24Page - STMicroelectronics L99VR01STR Datasheet HTML 25Page - STMicroelectronics L99VR01STR Datasheet HTML 26Page - STMicroelectronics L99VR01STR Datasheet HTML 27Page - STMicroelectronics L99VR01STR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Figure 39. Thermal warning diagram
When junction temperature reaches the Tprot_j/s thermal shutdown threshold the regulator output is quickly shut-
off through the internal Fast Output Discharge circuit; to be reactivated, junction temperature has to decrease
below Tprot_j/s- Tprot_hyst. Being TW an open-drain output an external resistance (RTW) is needed between the TW
pin and the Vo pin. The external resistance value can be in a range between 4.7 KΩ and 20 KΩ. Be aware that
the current flowing through the TW pin drawn from Vo when the TW pin is pulled low may affect the watchdog
activation/deactivation based on the regulator output current consumption monitoring. Leave floating if not used.
4.8
Overvoltage detection by advanced thermal warning read-out
The TW pin also provides diagnostics about output overvoltage (OV); to distinguish between a thermal warning
event and an output overvoltage event, two different signals are generated at the same TW output pin. How
reported in the previous paragraph a thermal warning event detection sets the TW pin LOW, instead an output
overvoltage event generates a square wave at the TW pin (Figure 40. Square wave on TW pin generated during
an overvoltage). Overvoltage detection has higher priority than thermal warning detection so that concurrence of
thermal warning and over voltage events leads to a square wave like in the case of overvoltage detection (as
shown in Figure 41. Warning signal caused by overvoltage and thermal warning on TW pin).
Figure 40. Square wave on TW pin generated during an overvoltage
TW
t
Tw_per
A typical example of thermal warning and overvoltage failures management is depicted in Figure 41. Warning
signal caused by overvoltage and thermal warning on TW pin.
L99VR01
Overvoltage detection by advanced thermal warning read-out
DS13649 - Rev 3
page 24/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com