Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 14Page - STMicroelectronics L99VR01STR Datasheet HTML 15Page - STMicroelectronics L99VR01STR Datasheet HTML 16Page - STMicroelectronics L99VR01STR Datasheet HTML 17Page - STMicroelectronics L99VR01STR Datasheet HTML 18Page - STMicroelectronics L99VR01STR Datasheet HTML 19Page - STMicroelectronics L99VR01STR Datasheet HTML 20Page - STMicroelectronics L99VR01STR Datasheet HTML 21Page - STMicroelectronics L99VR01STR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
4
Application information
Figure 31. Application schematic
Figure 32. Application schematic – Post regulation
Input ceramic capacitor C2 ≥ 4.7 μF is necessary for the regulator to operate properly. The other input capacitor
C1 can be used as backup supply for the application. The C0 capacitor, connected to the output pin, is for
bypassing to GND the high-frequency noise and it guarantees stability even during sudden line and load
variations.
Suggested value is C0 = 3.3 µF.
The ESR of the SMD output ceramic capacitor has a negligible effect on the stability of the L99VR01 family for
capacitors with low ESR. A ceramic SMD capacitor is recommended on Vo pin.
L99VR01
Application information
DS13649 - Rev 3
page 18/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com