Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 22Page - STMicroelectronics L99VR01STR Datasheet HTML 23Page - STMicroelectronics L99VR01STR Datasheet HTML 24Page - STMicroelectronics L99VR01STR Datasheet HTML 25Page - STMicroelectronics L99VR01STR Datasheet HTML 26Page - STMicroelectronics L99VR01STR Datasheet HTML 27Page - STMicroelectronics L99VR01STR Datasheet HTML 28Page - STMicroelectronics L99VR01STR Datasheet HTML 29Page - STMicroelectronics L99VR01STR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Figure 42. Undervoltage lockout on output voltage
VS
VO
VUVLO_rise
VUVLO_fall
4.11
Functional safety management
Even if not designed as safety HW element, the device contains some features that can be used to support
application that need to fulfill functional safety requirements. Analysis of the IC’s capability to reach the required
safety level, should be made at system level under user responsibility.
The following device safety requirements have been considered for a typical application:
Table 14. Safety requirement
ID
Description
SR-001
Operation of the voltage regulator(s) is allowed till over temperature limit.
SR-002
Operation of voltage regulator(s) is enabled until programmed current limit is
reached.
SR-003
Output voltage of regulator(s) shall remain within programmed range when RST pin
is not asserted.
SR-004
Output voltage of regulator(s) shall remain within programmed range when square
wave at TW pin is not generated.
Based on above requirements list the following safety mechanism has been implemented:
Table 15. Implemented safety mechanism
ID
Description
SR covered
SM1
Thermal sensor acting by TW pin
SR-004
SM2
Overtemperature protection
SR-001
SM3
Limitation on maximum output current
SR-002
SM4
Output voltage VO monitoring for
undervoltage detection
SR-002
SM5
Output voltage VO monitoring for
overvoltage detection
SR-002
L99VR01
Functional safety management
DS13649 - Rev 3
page 26/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com