Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 17Page - STMicroelectronics L99VR01STR Datasheet HTML 18Page - STMicroelectronics L99VR01STR Datasheet HTML 19Page - STMicroelectronics L99VR01STR Datasheet HTML 20Page - STMicroelectronics L99VR01STR Datasheet HTML 21Page - STMicroelectronics L99VR01STR Datasheet HTML 22Page - STMicroelectronics L99VR01STR Datasheet HTML 23Page - STMicroelectronics L99VR01STR Datasheet HTML 24Page - STMicroelectronics L99VR01STR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Figure 35. Example of output voltage selection
SELx pins are internally connected to GND via pull down current source.
4.4
Enable
The L99VR01 is enabled/disabled by the enable input; a high voltage signal switches the regulator ON. When the
enable pin is set low, the output is switched-off, the current consumption of the device becomes as low as 1 μA
and the Fast Output Discharge circuit is activated.
It may happen that the enable pin must be driven by components supplied at a voltage different from the regulator
supply voltage. In this case the EN input pin must be set high only once Vs > 1.5 V. A solution to drive the enable
pin is depicted in the following figure.
Figure 36. Typical example of enable control
In any case, since the enable input voltage is linked to the maximum DC supply voltage (VS) applied to the
L99VR01 (-0.3 V to Vs + 0.3 V), special care must be adopted in driving EN pin to avoid exceeding absolute
maximum rating.
L99VR01
Enable
DS13649 - Rev 3
page 21/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com