Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 11Page - STMicroelectronics L99VR01STR Datasheet HTML 12Page - STMicroelectronics L99VR01STR Datasheet HTML 13Page - STMicroelectronics L99VR01STR Datasheet HTML 14Page - STMicroelectronics L99VR01STR Datasheet HTML 15Page - STMicroelectronics L99VR01STR Datasheet HTML 16Page - STMicroelectronics L99VR01STR Datasheet HTML 17Page - STMicroelectronics L99VR01STR Datasheet HTML 18Page - STMicroelectronics L99VR01STR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Figure 16. Output voltage vs enable voltage (VO =1.5 V)
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VEN(V)
Vo=1.5 V
IO= 100 mA
Tc =25⁰C
VS= 13.5 V
Figure 17. Output voltage vs enable voltage (VO =1.8 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VEN (V)
Vo=1.8 V
IO= 100 mA
TC=25⁰C
VS = 13.5 V
Figure 18. Output voltage vs enable voltage (VO =2.5 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VEN (V)
Vo=2.5 V
IO=100 mA
Ta=25 ⁰C
VS=13.5 V
Figure 19. Output voltage vs enable voltage (VO =2.8 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Vo=2.8 V
IO = 100 mA
Ta = 25 ⁰C
VS = 13.5V
VEN (V)
Figure 20. Output voltage vs enable voltage (VO =3.3 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Vo=3.3V
IO = 100 mA
Ta = 25 ⁰C
VS = 13.5V
Vo=3.3 V
VEN (V)
Figure 21. Output voltage vs enable voltage (VO =5 V)
VEN (V)
Vo=5 V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IO = 100 mA
TC = 25 ⁰C
VS = 13.5 V
Figure 22. VEn_high vs Tj
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
0.90
1.50
Tj (⁰C)
Vs = 13.5 V
Figure 23. VEn_low vs Tj
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-60
-40
-20
0
20
40
60
80
100
120
140
160
Tj (⁰C)
Vs = 13.5 V
L99VR01
Electrical characteristics curves
DS13649 - Rev 3
page 15/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com