Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 21Page - STMicroelectronics L99VR01STR Datasheet HTML 22Page - STMicroelectronics L99VR01STR Datasheet HTML 23Page - STMicroelectronics L99VR01STR Datasheet HTML 24Page - STMicroelectronics L99VR01STR Datasheet HTML 25Page - STMicroelectronics L99VR01STR Datasheet HTML 26Page - STMicroelectronics L99VR01STR Datasheet HTML 27Page - STMicroelectronics L99VR01STR Datasheet HTML 28Page - STMicroelectronics L99VR01STR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Figure 41. Warning signal caused by overvoltage and thermal warning on TW pin
Vo
T
Vo_hth
TW
150ºC
t
t
t
4.9
Fast output discharge
To assure a quick discharge of the external capacitor tied to the output pin down to around 1.3 V the L99VR01
uses an internal pulldown circuit. Activated each time the EN pin goes low, during thermal shut down and during
undervoltage lockout, the output current will flow through the pulldown resistor of the fast output discharge circuit
to ground. The fast output discharge feature is available for the output voltages Vo= 2.5 V (SELx = [1;0;0]) Vo=
2.8 V (SELx = [1;0;1]) Vo= 3.3 V (SELx = [1;1;0]) and Vo= 5 V (SELx = [1;1;1]).
4.10
Undervoltage lockout UVLO
The undervoltage lockout (UVLO) circuit allows a fast regulating element to turn off (activating the internal Fast
Output Discharge circuit) if the input voltage drops below the threshold, VUVLO_fall, avoiding undesired unknown
output state during low input voltage. When the input voltage is above the VUVLO_rise threshold, the regulating
element is again turned on.
L99VR01
Fast output discharge
DS13649 - Rev 3
page 25/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com