Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01STR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99VR01STR
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01STR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99VR01STR Datasheet HTML 18Page - STMicroelectronics L99VR01STR Datasheet HTML 19Page - STMicroelectronics L99VR01STR Datasheet HTML 20Page - STMicroelectronics L99VR01STR Datasheet HTML 21Page - STMicroelectronics L99VR01STR Datasheet HTML 22Page - STMicroelectronics L99VR01STR Datasheet HTML 23Page - STMicroelectronics L99VR01STR Datasheet HTML 24Page - STMicroelectronics L99VR01STR Datasheet HTML 25Page - STMicroelectronics L99VR01STR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Note:
A diode (0.25 V < VF < 0.75 V) connected in series with EN pin is requested only if the regulator is directly
supplied by car battery.
4.5
Reset
The reset circuit supervises the output voltage VO. If the output voltage falls below VO_th then RST is pulled low
with a reaction time Trr. When the output voltage rises above VO_th + VO_th_hyst then RST is pulled high with a
delay time Trd. The delay is generated by an internal circuit. The reset circuit is active when En is high. Being
RST an open-drain output an external resistance (Rrst) is needed between the RST pin and the Vo pin. The
external resistance value can be in a range between 4.7 KΩ and 20 KΩ. Leave the RST pin floating if not used.
Be aware that the current flowing through the RST pin drawn from Vo when the RST pin is pulled low may affect
the watchdog activation/deactivation based on the regulator output current consumption monitoring.
Figure 37. Reset timing diagram
4.6
Autonomous watchdog
A supplied microcontroller is monitored by the watchdog input Wi (L99VR01J version only). If pulses are missing,
the RST output pin is set low. The watchdog timeout can be set within a wide range with the external capacitor,
Ctw. The watchdog circuit discharges the capacitor Ctw, with the constant current ICWd. If the lower threshold Vwlth
is reached, a watchdog reset is generated. To prevent this from happening the microcontroller must generate a
positive edge during the discharge of the capacitor before the voltage reaches the threshold Vwlth. To calculate the
sawtooth period “Twop”, taking care that the microcontroller triggers the positive edge during the discharge phase
of Ctw (Td), the following equations can be used:
(Vwhth-Vwlth) x Ctw = ICWd x Td
(Vwhth-Vwlth) x Ctw = ICWc x Twol
Twop = Td + Twol
Every Wi positive edge switches the current source from discharging to charging. The same happens when the
lower threshold is reached. When the voltage reaches the upper threshold, Vwhth, the current switches from
charging to discharging. The result is a saw-tooth voltage at the watchdog timer capacitor Ctw. If a microcontroller
operates in low power mode it will not be able to generate any pulse to refresh the voltage regulator watchdog,
triggering so the microcontroller reset. In such a case, to avoid generating the microcontroller reset, the watchdog
functionality will be automatically deactivated any time the microcontroller current consumption falls under the
Iw_off threshold. On the other hand, when the current consumption rises above the Iw_on threshold the watchdog
functionality will be once again activated. Once the regulator is enabled for the first time, if Io < Iw_off the
watchdog will not be activated, while if Io > Iw_off the watchdog will be activated.
L99VR01
Reset
DS13649 - Rev 3
page 22/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com