Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 40Page - STMicroelectronics SPSB081C3 Datasheet HTML 41Page - STMicroelectronics SPSB081C3 Datasheet HTML 42Page - STMicroelectronics SPSB081C3 Datasheet HTML 43Page - STMicroelectronics SPSB081C3 Datasheet HTML 44Page - STMicroelectronics SPSB081C3 Datasheet HTML 45Page - STMicroelectronics SPSB081C3 Datasheet HTML 46Page - STMicroelectronics SPSB081C3 Datasheet HTML 47Page - STMicroelectronics SPSB081C3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 135 page
background image
Figure 28. SDI frame
4.2.2.2
Operating code
The operating code is used to distinguish between different access modes to the registers of the slave device.
Table 13. Operation codes
OC1
OC0
Description
0
0
Write operation
0
1
Read operation
1
0
Read & clear operation
1
1
Read device information
A write operation leads to a modification of the addressed data by the payload if a write access is allowed (for
example, control register, valid data). Beside this a shift out of the content (data present at communication start)
of the registers is performed.
A read operation shifts out the data present in the addressed register at communication start. The payload data
is ignored and internal data are not modified. In addition, a burst read can be performed.
A read & Clear Operation leads to a clear of addressed status bits. The bits to be cleared are defined first by
address, second by payload bits set to ‘1’. Beside this a shift out of the content (data present at communication
start) of the registers is performed.
Note:
Status registers, which change status during communication could be cleared by the actual read & clear
operation and are not reported in actual communication or in the following communications. To avoid a loss of
any reported status, that it is recommended just clear status registers, which are already reported in the previous
communication (selective bitwise clear).
4.2.2.3
Advanced operation codes
To provide beside the separate write of all control registers and the bitwise clear of all status registers, two
advanced operation codes can be used to set all control registers to the default value and to clear all status
registers.
A ‘set all control registers to default’ command is performed when an OpCode ‘11’ at address b’111111 is
performed.
Note:
Please consider that potential device specific write protected registers cannot be cleared with this command as
therefore a device Power-on-Reset is needed.
A ‘clear all status registers’ command is performed when an OpCode ‘10’ at address b’111111 is performed.
SPSB081
Signal description
DS14048 - Rev 1
page 44/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com