Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 78Page - STMicroelectronics SPSB081C3 Datasheet HTML 79Page - STMicroelectronics SPSB081C3 Datasheet HTML 80Page - STMicroelectronics SPSB081C3 Datasheet HTML 81Page - STMicroelectronics SPSB081C3 Datasheet HTML 82Page - STMicroelectronics SPSB081C3 Datasheet HTML 83Page - STMicroelectronics SPSB081C3 Datasheet HTML 84Page - STMicroelectronics SPSB081C3 Datasheet HTML 85Page - STMicroelectronics SPSB081C3 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
T6
Timer period
Tested by scan
500
ms
F.016
T7
Timer period
Tested by scan
1000
ms
F.017
T8
Timer period
Tested by scan
2000
ms
F.018
5.19
SGND loss comparator
Tj = from -40 °C to 150 °C, unless otherwise specified.
Table 64. SGND loss comparator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VSGNDloss
Input voltage low
level
VSREG = 13.5 V
200
400
600
mV
A.052
tSGNDloss
Filter time
VSREG = 13.5 V;
Tested by scan
7
µs
A.053
SPSB081
SGND loss comparator
DS14048 - Rev 1
page 82/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com