Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 62Page - STMicroelectronics SPSB081C3 Datasheet HTML 63Page - STMicroelectronics SPSB081C3 Datasheet HTML 64Page - STMicroelectronics SPSB081C3 Datasheet HTML 65Page - STMicroelectronics SPSB081C3 Datasheet HTML 66Page - STMicroelectronics SPSB081C3 Datasheet HTML 67Page - STMicroelectronics SPSB081C3 Datasheet HTML 68Page - STMicroelectronics SPSB081C3 Datasheet HTML 69Page - STMicroelectronics SPSB081C3 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
RTXDCPU
TXDC pull up resistor
Active mode
20
50
110
kΩ
E.011
td,TXDC(dom-rec)
TXDC - CANH,L
delay time dominant -
recessive
RL = 50 Ω.. 65 Ω; 70 %
VTXD – 30% VDIFF;
5.5V ≤ VSREG ≤ 18 V;
TXDC rise time = 10 ns
(10% - 90%)
0
120
ns
E.012
td,TXDC(rec-diff)
TXDC - CANH,L
delay time recessive -
dominant
RL = 50 Ω.. 65 Ω; 30 %
VTXD – 70% VDIFF;
5.5V ≤ VSREG ≤ 18 V;
TXDC fall time = 10 ns
(90% - 10%)
0
120
ns
E.013
tdom(TXDC)
TXDC dominant time-
out
Tested by scan
0.8
2
5
ms
E.014
Table 42. CAN receive data output: Pin RxDC
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VRXDCLOW
Output voltage
dominant level
Active mode, IRXDC
= 2 mA
0
0.2
0.5
V
E.015
VRXDCHIGH
Output voltage
recessive level
Active mode, IRXDC
= -2 mA
V1-0.5
V1-0.2
V1
V
E.016
tr,RXDC
RxDC rise time
CL = 15 pF;
30% - 70% VRXDC
0
25
ns
E.017
tf,RXDC
RxDC fall time
CL = 15 pF;
70% - 30% VRXDC(1)
0
25
ns
E.018
td, RXDC(dom-rec)
CANH,L – RxDC
delay time dominant -
recessive
CL = 15 pF;
30% VDIFF – 70%
VRXDC(1)
0
120
ns
E.019
td, RXDC(rec - dom)
CANH,L – RxDC
delay time recessive
- dominant
CL = 15 pF;
70% VDIFF – 30%
VRXDC(1)
0
120
ns
E.020
1. Guaranteed by design.
Table 43. CAN transmitter dominant output characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCANHdom
Single ended CANH
voltage level in dominant
state
VTXDC =
VTXDCLOW;
RL = 50 Ω..65 Ω
2.75
3.5
4.5
V
E.021
VCANLdom
Single ended CANL
voltage level in dominant
state
VTXDC =
VTXDCLOW;
RL = 50 Ω..65 Ω
0.5
1.5
2.25
V
E.022
VDIFF,dom
Differential output voltage
in dominant state:
VCANHdom-
VCANLdom
VTXDC =
VTXDCLOW;
RL = 50 Ω..65 Ω
1.5
2.0
3
V
E.023
SPSB081
CAN FD transceiver
DS14048 - Rev 1
page 66/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com