Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 37Page - STMicroelectronics SPSB081C3 Datasheet HTML 38Page - STMicroelectronics SPSB081C3 Datasheet HTML 39Page - STMicroelectronics SPSB081C3 Datasheet HTML 40Page - STMicroelectronics SPSB081C3 Datasheet HTML 41Page - STMicroelectronics SPSB081C3 Datasheet HTML 42Page - STMicroelectronics SPSB081C3 Datasheet HTML 43Page - STMicroelectronics SPSB081C3 Datasheet HTML 44Page - STMicroelectronics SPSB081C3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 135 page
background image
4
Serial peripheral interface (SPI)
A 32-bit SPI is used for bidirectional communication with the microcontroller.
The SPI is driven by a microcontroller with its SPI peripheral running in the following mode:
CPOL = 0 and CPHA = 0
For this mode input data is sampled by the low to high transition of the clock CLK, and output data is changed
from the high to low transition of CLK.
This device is not limited to microcontroller with a built-in SPI. Only three CMOS-compatible output pins and one
input pin are needed to communicate with the device. A fault condition can be detected by setting CSN to low. If
CSN = 0, the DO-Pin reflects the global error flag (fault condition) of the device.
•
Chip select not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the output pin (DO) is in high
impedance state. A low signal activates the output driver and a serial communication can be started. The state
during CSN = 0 is called a communication frame.
If CSN = low for t > tCSNfail, the DO output is switched to high impedance in order not to block the signal line for
other SPI nodes.
•
Serial data in (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI will be sampled at the rising
edge of the CLK signal and shifted into an internal 32-bit shift register. At the rising edge of the CSN signal the
content of the shift register is transferred to data input register. The writing to the selected data input register is
only enabled if exactly 32 bits are transmitted within one communication frame (that is, CSN low). If more or less
clock pulses are counted within one frame the complete frame is ignored. This safety function is implemented to
avoid an activation of the output stages by a wrong communication frame.
Note:
Due to this safety functionality, a daisy chaining of SPI is not possible. Instead, a parallel operation of the SPI
bus by controlling the CSN signal of the connected IC's is recommended.
•
Serial data out (DO)
The data output driver is activated by a logical low level at the CSN input and it goes from high impedance to a
low or high level depending on the global error flag (fault condition). The first rising edge of the CLK input after
a high to low transition of the CSN pin transfers the content of the selected status register into the data out shift
register. Each subsequent falling edge of the CLK shifts the next bit out.
•
Serial clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data input (DI) is sampled at the
rising edge of the CLK and the data output (DO) changes with the falling edge of the CLK signal. The SPI can be
driven with a CLK frequency up to 10 MHz.
4.1
ST SPI
The ST-SPI is a standard used in ST automotive ASSP devices.
This chapter describes the SPI protocol standardization. It defines a common structure of the communication
frames and defines specific addresses for product and status information.
The ST-SPI allows usage of generic software to operate the devices while maintaining the required flexibility to
adapt it to the individual functionality of a particular product. In addition, fail-safe mechanisms are implemented to
protect the communication from external influences and wrong or unwanted usage.
The device serial peripheral interface is compliant to the ST SPI standard.
SPSB081
Serial peripheral interface (SPI)
DS14048 - Rev 1
page 41/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com