Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 45Page - STMicroelectronics SPSB081C3 Datasheet HTML 46Page - STMicroelectronics SPSB081C3 Datasheet HTML 47Page - STMicroelectronics SPSB081C3 Datasheet HTML 48Page - STMicroelectronics SPSB081C3 Datasheet HTML 49Page - STMicroelectronics SPSB081C3 Datasheet HTML 50Page - STMicroelectronics SPSB081C3 Datasheet HTML 51Page - STMicroelectronics SPSB081C3 Datasheet HTML 52Page - STMicroelectronics SPSB081C3 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 135 page
background image
In case the automatically incremented address is not used by the device, undefined data is shifted out. An
automatic address overflow is implemented when address 3FH is reached.
The SPI burst read is limited by the CSN low timeout.
4.3.1.4
SPI data length
The SPI data length value indicates the length of the SCK count monitor, which is running for all accesses to the
device application registers. In case a communication frame with an SCK count is not equal to the reported one, it
leads to a SPI error and the data are rejected.
Table 22. SPI data length
Bit 6
Bit 5
Bit 4
Description
DL2
DL1
DL0
0
0
0
invalid
0
0
1
16-bit SPI
0
1
0
24-bit SPI
0
1
1
32-bit SPI
…
1
1
1
64-bit SPI
4.3.1.4.1
Data consistency check (Parity/CRC)
Table 23. Data consistency check
Bit 1
Bit 0
Description
S1
S0
0
0
not used
0
1
Parity used
1
0
CRC used
1
1
Invalid
4.3.1.4.2
Watchdog definition
For further information, see also Section 3.6 Configurable window watchdog.
In case a watchdog is implemented the default settings can be read out via the device information registers.
Table 24. WD Type/Timing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WD1
WD0
<WD type 1/2>
0
0
Register is not used
<WD type 1>
0
1
WT5
WT4
WT3
WT2
WT1
WT0
1
1
1
1
1
0
Watchdog timeout / Long open window WT[5:0] * 5ms
<WD type 2>
1
0
OW2
OW1
OW0
CW2
CW1
CW0
1
0
0
1
0
0
0
1
Open window OW[2:0] *5ms
Closed window CW[2:0] *5ms
<WD type 1/2>
1
1
Invalid
<WD type 1>: 3CH (long open window: 300 ms)
SPSB081
Address definition
DS14048 - Rev 1
page 49/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com