Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 56Page - STMicroelectronics SPSB081C3 Datasheet HTML 57Page - STMicroelectronics SPSB081C3 Datasheet HTML 58Page - STMicroelectronics SPSB081C3 Datasheet HTML 59Page - STMicroelectronics SPSB081C3 Datasheet HTML 60Page - STMicroelectronics SPSB081C3 Datasheet HTML 61Page - STMicroelectronics SPSB081C3 Datasheet HTML 62Page - STMicroelectronics SPSB081C3 Datasheet HTML 63Page - STMicroelectronics SPSB081C3 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 135 page
background image
Figure 32. Watchdog early, late and safe windows
5.8
Current monitor output (CM)
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V <
VS< 28 V; 6 V < VSREG< 28 V; Tj = from -40 to 150 °C, unless otherwise specified
Table 35. Current monitor output (CM)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCM
Functional voltage
range
0
V1-1 V
V
A.029
ICMr
ICM/IOUT1,2,3,4
0V ≤ VCM ≤ V1-1 V
1/990
A.030
ICM acc
Current monitor
accuracy
Ranges extracted
at the output:
IOUT1,2,3,4
IOUTmin = 100 mA
IOUTmax = 130 mA
-8% - 4% FS
(1)
0
8% + 4%
FS(1)
A
A.031
tcmb
Current monitor
blanking time
Tested by scan
22
32
39
µs
A.032
1. FS (full scale) = IOUTmax *ICMr_typ.
5.9
Outputs OUT1 – OUT4
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VS ≤ 18 V, all outputs open; Tj = from -40°C... 150°C, unless otherwise specified.
SPSB081
Current monitor output (CM)
DS14048 - Rev 1
page 60/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com