Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 19Page - STMicroelectronics SPSB081C3 Datasheet HTML 20Page - STMicroelectronics SPSB081C3 Datasheet HTML 21Page - STMicroelectronics SPSB081C3 Datasheet HTML 22Page - STMicroelectronics SPSB081C3 Datasheet HTML 23Page - STMicroelectronics SPSB081C3 Datasheet HTML 24Page - STMicroelectronics SPSB081C3 Datasheet HTML 25Page - STMicroelectronics SPSB081C3 Datasheet HTML 26Page - STMicroelectronics SPSB081C3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 135 page
background image
•
All outputs and V2 are turned off
•
All control registers are set to default values
•
Write operations to control registers are blocked until the fail-safe condition is cleared (see table below).
Only the following bits are not write-protected:
–
CR1 (0x01):
◦
TRIG
◦
CAN_ACT
–
CR2 (0x02):
◦
Timer settings (bits 8…13 and bits 16…21)
–
CR5 (0x05):
◦
OUT1_x (bits 0…2)
◦
OUT2_x (bits 4…6)
◦
OUT3_x (bits 8…10)
◦
OUT4_x (bits 12…14)
–
CR9 (0x09) to CR11 (0x0B)
◦
PWM frequency and duty cycles
–
Config register (0x3F)
◦
V2_0
◦
V2_1
•
LIN transmitter remains on
•
CAN FD transceiver remains on
•
Wake-up is enabled
•
Corresponding failure bits in status registers are set.
•
FS bit (bit 0 global status byte) is set
If the fail-safe mode was entered, it keeps active until the fail-safe condition is removed and the fail-safe was read
by SPI. Depending on the root cause of the fail-safe operation, the actions to exit fail-safe mode are as shown in
the following table.
Table 9. Temporary failures conditions
Failure source
Failure condition
Diagnosis
Exit from fail-safe mode
Microcontroller
(oscillator)
Watchdog
Early write failure or expired
window
FS (global status byte) =1
WDFAIL (SR1) =1
WDFAIL_CNT_x (SR1) = n+1
TRIG=1 during long open window
Read&Clear SR1
V1
undervoltage
FS (global status byte) =1
V1UV (SR1)=1 (1)
V1FAIL (SR2)=1 (2)
V1 > VRTx
Read&Clear SR1
Temperature
Tj > TSD2
FS (global status byte) =1
TW (SR2) =1
TSD1 (SR1) =1
TSD2 (SR1) =1
Tj < TSD2
Read&Clear SR1
1. bit V1UV in SR1 is set for t > tuv1 (16 µs). Fail-Safe bit GSR/FS is set only after trd (NRESET low pulse).
2. If V1 < V1fail (for t > tv1fail). The fail-safe bit is located in the global status register.
3.7.2
Non recoverable failures –Forced in VBAT_standby mode
If the fail-safe condition persists and all attempts to return to normal system operation fail, the SPSB081 is forced
into VBAT_standby mode to prevent damage to the system. The VBAT_standby mode can be terminated by any
wake-up source. The root cause of the VBAT_standby is indicated in the SPI status registers.
In VBAT_standby mode, all control registers are set to power on default.
The VBAT_standby mode is entered in case of:
SPSB081
Fail safe mode
DS14048 - Rev 1
page 23/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com