Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 58Page - STMicroelectronics SPSB081C3 Datasheet HTML 59Page - STMicroelectronics SPSB081C3 Datasheet HTML 60Page - STMicroelectronics SPSB081C3 Datasheet HTML 61Page - STMicroelectronics SPSB081C3 Datasheet HTML 62Page - STMicroelectronics SPSB081C3 Datasheet HTML 63Page - STMicroelectronics SPSB081C3 Datasheet HTML 64Page - STMicroelectronics SPSB081C3 Datasheet HTML 65Page - STMicroelectronics SPSB081C3 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 135 page
background image
Figure 33. Slew-rate of the drivers
5.11
Output current threshold
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V < VS< 28 V; 6 V < VSREG< 28 V; Tj = from -40 to 150 °C, unless otherwise specified
Table 38. Output current threshold
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
|IOC1|
over-current
threshold
HS1
VS = 13.5V,
source
0.14
0.35
A
D.011
|IOC2|
over-current
threshold
HS2
VS = 13.5V,
source
0.14
0.35
A
D.022
|IOC3|
over-current
threshold
HS3
VS = 13.5V,
source
0.14
0.35
A
D.023
|IOC4|
over-current
threshold
HS4
VS = 13.5V,
source
0.14
0.35
A
D.024
|ICCM1|
Constant
current mode
value for
OUT1 (high
on resistance
mode)
VS = 13.5 V;
OUT1_CCM_EN =
1
100
142
200
mA
D.012
|ICCM2|
Constant
current mode
value for
OUT2 (high
on resistance
mode)
VS = 13.5 V;
OUT2_CCM_EN =
1
100
145
200
mA
D.025
SPSB081
Output current threshold
DS14048 - Rev 1
page 62/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com