Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 18Page - STMicroelectronics SPSB081C3 Datasheet HTML 19Page - STMicroelectronics SPSB081C3 Datasheet HTML 20Page - STMicroelectronics SPSB081C3 Datasheet HTML 21Page - STMicroelectronics SPSB081C3 Datasheet HTML 22Page - STMicroelectronics SPSB081C3 Datasheet HTML 23Page - STMicroelectronics SPSB081C3 Datasheet HTML 24Page - STMicroelectronics SPSB081C3 Datasheet HTML 25Page - STMicroelectronics SPSB081C3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 135 page
background image
Figure 13. Watchdog in debug mode
Note:
Whenever the device is operated without servicing the mandatory watchdog trigger events, a sequence
of 15 consecutive reset events is performed and the device is forced into Vbat_Stby mode with bit
FORCED_SLEEP_WD in SR1 set.
If the device is woken up after such a forced Vbat_Stby condition and the watchdog is still not serviced, the
device, after one long open watchdog window is reforced into the same Vbat_Stby mode until the next wake-up
event. In this case, an additional watchdog failure is generated, but the fail counter is not cleared, keeping the
maximum number of 15 failures. This sequence is repeated until a valid watchdog trigger event is performed by
writing TRIG=1.
3.6.1
Change watchdog timing
The watchdog trigger time can be configured by setting the WD_TIME (CR 2) bit. Writing to these bits is
only possible with the first SPI command after setting WD_CONFIG_EN = 1 (Config register (0x3F)). The
WD_CONFIG_EN bit is reset to 0 automatically with next SPI command.
When FAIL_SAFE is active, these SPI registers are not accessible. Therefore, the FAIL_SAFE status needs to be
cleared. In case of a WD_FAIL, the clear is performed by starting a long open window.
When a new configuration has been programmed, the watchdog behaves with the old configuration until the next
trig event.
The new value of WD_TIME is loaded in the watchdog module on the next trig event after the SPI configuration.
The following watchdog cycle uses the new programmed value.
3.7
Fail safe mode
3.7.1
Temporary failures
SPSB081 enters fail-safe mode in case of:
•
Watchdog failure
•
V1 failure (V1 < VRTx for t > tV1FS)
•
Thermal shutdown TSD2
The fail-safe functionality is also available in V1_Standby mode. During V1_Standby mode the fail-safe mode is
entered in the following cases:
•
Watchdog failure (if watchdog still running due to Iv1 > Icmp)
•
V1 failure (V1 < VRTx for t > tV1FS)
•
Thermal shutdown TSD2
In fail-safe mode, the device returns to a fail-safe state. The fail-safe condition is indicated to the system in the
global status byte. The conditions during the fail-safe mode are:
SPSB081
Fail safe mode
DS14048 - Rev 1
page 22/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com