Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 29Page - STMicroelectronics SPSB081C3 Datasheet HTML 30Page - STMicroelectronics SPSB081C3 Datasheet HTML 31Page - STMicroelectronics SPSB081C3 Datasheet HTML 32Page - STMicroelectronics SPSB081C3 Datasheet HTML 33Page - STMicroelectronics SPSB081C3 Datasheet HTML 34Page - STMicroelectronics SPSB081C3 Datasheet HTML 35Page - STMicroelectronics SPSB081C3 Datasheet HTML 36Page - STMicroelectronics SPSB081C3 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 135 page
background image
Figure 21. CAN wake up capabilities
Note:
The figures above illustrate the wake-up behavior from V1_standby mode. For wake-up from VBAT_standby
mode the NRESET signal (with 2 ms timing) is generated instead of the RXD_L(Interrupt) signal.
3.12.6
CAN receive only mode
During TRX normal mode, with the CAN _REC_ONLY bit in CR1 it is possible to disable the CAN transmitter. In
this mode it is possible to listen to the bus but not to send to it. The receiver termination network is still activated
in this mode.
3.12.7
CAN looping mode
If the CAN_LOOP_EN (configuration register) is set, the TxD_C input is mapped directly to the RxD_C pin. This
mode can be used in combination with the CAN receive-only mode, to run diagnosis for the CAN protocol handler
of the microcontroller.
Note:
To guarantee the correct behavior of the CAN_FD transceiver and to get its optimized electrical performances,
the VCANSUP pin must be connected to V1, V2, or Vext pin (see Table 6. Voltage regulators configuration).
3.13
Power supply fail
3.13.1
Vs supply failure
Vs overvoltage
If the supply voltage Vs reaches the over voltage threshold VSOV:
•
LIN remains enabled
•
CAN remains enabled
•
OUT1, OUT2, OUT3, and OUT4 are turned off (default).
The shutdown of outputs may be disabled by SPI (VS_OV_SD_EN (CR3) =0)
•
Recovery of outputs after over-voltage condition is configurable by SPI:
–
VS_LOCK_EN (CR3) = 1: Outputs are off until Read&Clear VS_OV (SR2).
–
VS_ LOCK_EN (CR3) = 0: Outputs turned on automatically after Vs over-voltage condition has
recovered.
SPSB081
Power supply fail
DS14048 - Rev 1
page 33/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com