Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C3 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 54Page - STMicroelectronics SPSB081C3 Datasheet HTML 55Page - STMicroelectronics SPSB081C3 Datasheet HTML 56Page - STMicroelectronics SPSB081C3 Datasheet HTML 57Page - STMicroelectronics SPSB081C3 Datasheet HTML 58Page - STMicroelectronics SPSB081C3 Datasheet HTML 59Page - STMicroelectronics SPSB081C3 Datasheet HTML 60Page - STMicroelectronics SPSB081C3 Datasheet HTML 61Page - STMicroelectronics SPSB081C3 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 135 page
background image
Table 32. Reset output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VRT1_5
Reset threshold voltage1
VV1 decreasing (V1 = 5 V)
3.3
3.5
3.7
V
C.027
VRT1_33
VV1 decreasing (V1 = 3.3 V0)
2.5
2.65
2.75
C.061
VRT2_5
Reset threshold voltage2
VV1 decreasing (V1 = 5 V)
3.6
3.8
4
V
C.028
VRT2_33
VV1 decreasing (V1 = 3.3 V)
2.6
2.75
2.85
C.062
VRT3_5
Reset threshold voltage3
VV1 decreasing (V1 = 5 V)
3.8
4.0
4.2
V
C.029
VRT3_33
VV1 decreasing (V1 = 3.3 V)
2.7
2.85
2.95
C.063
VRT4-1_5
Reset threshold voltage4
VV1 decreasing (V1 = 5 V)
4.4
4.6
4.8
V
C.030
VRT4-1_33
VV1 decreasing (V1 = 3.3 V)
2.8
2.9
3.05
C.064
VRT4-2_5
Reset threshold voltage4
VV1 increasing (V1 = 5 V)
4.65
4.8
4.9
V
C.031
VRT4-2_33
VV1 increasing (V1 = 3.3 V)
2.95
3.1
3.2
C.065
VRESET
Reset pin low output voltage
V1 > 1V, IRESET = 5 mA
0.2
0.4
V
C.032
RRESET
Reset pull up int. resistor
10
25
40
kΩ
C.033
tRR
Reset reaction time
Iload = 1 mA; tested by scan
6
40
μs
C.034
tUV1
V1 under-voltage filter time
Tested by scan
6
12
20
μs
C.035
tRD
Reset pulse duration
Tested by scan
1.5
2.0
2.5
ms
C.036
5.6
DIAGN output
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin. 4 V ≤
VS ≤ 28 V; 4 V < VSREG< 28 V; Tj = from -40 to 150°C, unless otherwise specified.
Table 33. DIAGN output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VDIAGN
DIAGN pin low
output voltage
V1 > 1V, IDIAGN = 5
mA
0.2
0.4
V
C.037
RDIAGN
DIAGN pulls up int.
resistor
10
25
40
kΩ
C.038
5.7
Watchdog
For further information, see Section 3.6 Configurable window watchdog.
4.5 V < VS < 28 V; 4.5 V < VSREG< 28 V; Tj = from -40 to 150°C, unless otherwise specified
Table 34. Watchdog
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
tLW
Long open window
Tested by scan
240
300
360
ms
A.022
TEFW1
Early failure
window 1
Tested by scan
4.5
ms
A.023
TLFW1
Late failure window
1
Tested by scan
20
ms
A.024
TSW1
Safe window 1
Tested by scan
7.5
12
ms
A.025
TEFW2
Early failure
window 2
Tested by scan
22.3
ms
A.026
SPSB081
DIAGN output
DS14048 - Rev 1
page 58/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com