Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 2Page - STMicroelectronics L99MOD53XP Datasheet HTML 3Page - STMicroelectronics L99MOD53XP Datasheet HTML 4Page - STMicroelectronics L99MOD53XP Datasheet HTML 5Page - STMicroelectronics L99MOD53XP Datasheet HTML 6Page - STMicroelectronics L99MOD53XP Datasheet HTML 7Page - STMicroelectronics L99MOD53XP Datasheet HTML 8Page - STMicroelectronics L99MOD53XP Datasheet HTML 9Page - STMicroelectronics L99MOD53XP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Block diagram and pin description
L99MOD53XP
6/35
DS12617 Rev 5
1
Block diagram and pin description
Figure 1. Block diagram
M
M
M
VCC
V
BA T
μC
1k
4
1k
1k
1k
1k
1k
*
Reverse Polarity
Protection
**
**
**
**
**
**
100μF
Programmable
Bulb (10W) or
LED Mode
STL64N4F7
STL64N4F7
SPC560D
maximum ratings in case of an unexpected freewheeling condition (e.g. TSD, POR)
* Note: Value of capacitor has to be chosen carefully to limit the VS voltage below absolute
VCC
VS
Pump
Charge
PWM1
DI
DO
CLK
CSN
OUT7
OUT6
OUT8
OUT5
OUT4
OUT3
OUT2
OUT1
PWM2 / CM
MUX
GND
for negative voltage transients at VBAT (e.g. ISO type 1 pulse)
** Note: Resistors between μC and L99MOD53XP are recommended to limit currents
GADG1311180754PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com