Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 11Page - STMicroelectronics L99MOD53XP Datasheet HTML 12Page - STMicroelectronics L99MOD53XP Datasheet HTML 13Page - STMicroelectronics L99MOD53XP Datasheet HTML 14Page - STMicroelectronics L99MOD53XP Datasheet HTML 15Page - STMicroelectronics L99MOD53XP Datasheet HTML 16Page - STMicroelectronics L99MOD53XP Datasheet HTML 17Page - STMicroelectronics L99MOD53XP Datasheet HTML 18Page - STMicroelectronics L99MOD53XP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DS12617 Rev 5
15/35
L99MOD53XP
Electrical specifications
34
tCLKL
Clock low time
VCC = 5 V
400
ns
tset CSN
CSN setup time, CSN low before
rising edge of CLK
VCC = 5 V
400
ns
tset CLK
CLK setup time, CLK high before
rising edge of CSN
VCC = 5 V
400
ns
tset DI
DI setup time
VCC = 5 V
200
ns
thold time
DI hold time
VCC = 5 V
200
ns
tr in
Rise time of input signal DI, CLK,
CSN
VCC = 5 V
100
ns
tf in
Fall time of input signal DI, CLK,
CSN
VCC = 5 V
100
ns
1. DI timing parameters tested in production by a passed / failed test:
Tj= -40°C / +25°C: SPI communication @ 2 MHz.
Tj= +125°C SPI communication @ 1.25 MHz.
Table 14. DI timing (continued)
Symbol
Parameter(1)
Test condition
Min.
Typ.
Max.
Unit
Table 15. DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
VCC = 5 V, ID = -2 mA
0.2
0.4
V
VDOH
Output high level
VCC = 5 V, ID = 2 mA
VCC -0.4
VCC-0.2
V
IDOLK
3-state leakage current
VCSN = VCC,
0 V < VDO < VCC
-10
10
µA
CDO (1)
3-state input capacitance
VCSN = VCC,
0 V < VCC < 5.3 V
10
15
pF
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 16. DO timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, Iload = -1 mA
80
140
ns
tf DO
DO fall time
CL = 100 pF, Iload = 1 mA
50
100
ns
ten DO tri L
DO enable time
from 3-state to low level
CL = 100 pF, Iload = 1 mA
pull-up load to VCC
100
250
ns
tdis DO L tri
DO disable time
from low level to 3-state
CL = 100 pF, Iload = 4 mA
pull-up load to VCC
380
450
ns
ten DO tri H
DO enable time
from 3-state to high level
CL =100 pF, Iload = -1 mA
pull-down load to GND
100
250
ns
tdis DO H tri
DO disable time
from high level to 3-state
CL = 100 pF, Iload = -4 mA
pull-down load to GND
380
450
ns
td DO
DO delay time
VDO < 0.3 VCC, VDO > 0.7 VCC,
CL = 100 pF
50
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com