Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 8Page - STMicroelectronics L99MOD53XP Datasheet HTML 9Page - STMicroelectronics L99MOD53XP Datasheet HTML 10Page - STMicroelectronics L99MOD53XP Datasheet HTML 11Page - STMicroelectronics L99MOD53XP Datasheet HTML 12Page - STMicroelectronics L99MOD53XP Datasheet HTML 13Page - STMicroelectronics L99MOD53XP Datasheet HTML 14Page - STMicroelectronics L99MOD53XP Datasheet HTML 15Page - STMicroelectronics L99MOD53XP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical specifications
L99MOD53XP
12/35
DS12617 Rev 5
Table 11. OUT1 - OUT8
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RDSon OUT1,
RDSon OUT2
RDSon OUT3
On resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT1,2,3 = 0.4A
1600
2200
m
VS = 13.5 V, Tj = 125 °C,
IOUT1,2,3 = 0.4 A
2500
3400
m
RDSon OUT4,
RDSon OUT5
On resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT4,5 = 3 A
150
200
m
VS = 13.5 V, Tj = 125 °C,
IOUT4,5 = 3 A
225
300
m
RDSon OUT6,
RDSon OUT7
On resistance to supply in low
RDSon mode
VS = 13.5 V, Tj = 25 °C,
IOUT6,7 = 0.8A
500
700
m
VS = 13.5 V, Tj = 125 °C,
IOUT6,7 =  A
700
950
m
On resistance in high RDSon
mode
Tj = 25 °C, IOUT6,7= - 0.2 A
1800
2500
m
Tj = 125 °C,IOUT6,7 = - 0.2 A
2700
3700
m
RDSon OUT8 On resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT8 = -3 A
100
150
m
VS = 13.5 V, Tj = 125 °C,
IOUT8 = -3 A
150
200
m
IOUT1
IOUT2
IOUT3
Output current limitation to
GND
Source, VS=13.5 V
-1.25
-0.75
A
IOUT1
IOUT2
IOUT3
Output current limitation to
supply
Sink, VS=13.5 V
0.75
1.25
A
IOUT4
IOUT5
Output current limitation to
GND
Source, VS=13.5 V
-10.5
-6
A
IOUT4
IOUT5
Output current limitation to
supply
Sink, VS=13.5 V
6
10.5
A
IOUT6
IOUT7
Output current limitation to
GND
Source, VS=13.5 V
-3.0
-1.4
A
Output current limitation to
GND in high RDSon mode
-0.65
-0.35
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com