Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 9Page - STMicroelectronics L99MOD53XP Datasheet HTML 10Page - STMicroelectronics L99MOD53XP Datasheet HTML 11Page - STMicroelectronics L99MOD53XP Datasheet HTML 12Page - STMicroelectronics L99MOD53XP Datasheet HTML 13Page - STMicroelectronics L99MOD53XP Datasheet HTML 14Page - STMicroelectronics L99MOD53XP Datasheet HTML 15Page - STMicroelectronics L99MOD53XP Datasheet HTML 16Page - STMicroelectronics L99MOD53XP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DS12617 Rev 5
13/35
L99MOD53XP
Electrical specifications
34
IOUT8
Output current limitation to
GND
Source, VS=13.5 V
-10.5
-6
A
td On H
Output delay time, high-side
driver on
VS=13.5 V, Rload=(1)
corresponding low-side driver is
not active
10
40
80
µs
td Off H
Output delay time, high-side
driver off
VS=13.5 V, Rload=(1)
15
150
300
µs
td On L
Output delay time, low-side
driver on
VS=13.5 V, Rload=(1)
corresponding high-side driver is
not active
15
30
70
µs
td Off L
Output delay time, low-side
driver off
VS=13.5 V, Rload=(1)
20
100
200
µs
td HL
Cross current protection time,
source to sink
tCC ONLS_OFFHS - td Off H(2)
200
400
µs
td LH
Cross current protection time,
sink to source
tCC ONHS_OFFLS - td Off L(2)
200
400
µs
IQLH
Switched off output current
high-side drivers of OUT1-8
VOUT1-8=0V, standby mode
-3
0
3
µA
VOUT1-2-3-4-5-8=0 V, active mode
-40
-15
0
µA
VOUT6-7=0 V, active mode
-10
-8
0
µA
IQLL
Switched off output current
low-side drivers of OUT1-5
VOUT1-5= VS, standby mode
0
80
120
µA
VOUT1-5= VS, active mode
-40
-15
0
µA
IOLD123
Open-load detection current
of OUT1, OUT2 and OUT3
Source and sink
10
20
30
mA
IOLD45
Open-load detection current
of OUT4 and OUT5
Source and sink
60
150
300
mA
IOLD67
Open-load detection current
of OUT6 and OUT7
Source
15
40
60
mA
Open-load detection current
of OUT6 and OUT7 in high
RDSon mode
510
15
mA
IOLD8
Open-load detection current
of OUT8
Source
30
150
300
mA
td OL
Minimum duration of open-
load condition to set the
status bit
500
3000
µs
tISC
Minimum duration of over-
current condition to switch off
the driver
10
100
µs
frec0
Recovery frequency for OC
recovery duty cycle bit=0
2
8
kHz
Table 11. OUT1 - OUT8 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com