Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 15Page - STMicroelectronics L99MOD53XP Datasheet HTML 16Page - STMicroelectronics L99MOD53XP Datasheet HTML 17Page - STMicroelectronics L99MOD53XP Datasheet HTML 18Page - STMicroelectronics L99MOD53XP Datasheet HTML 19Page - STMicroelectronics L99MOD53XP Datasheet HTML 20Page - STMicroelectronics L99MOD53XP Datasheet HTML 21Page - STMicroelectronics L99MOD53XP Datasheet HTML 22Page - STMicroelectronics L99MOD53XP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DS12617 Rev 5
19/35
L99MOD53XP
Application information
34
3
Application information
3.1
Dual power supply: VS and VCC
The power supply voltage VS supplies the half bridges and the high-side drivers. An internal
charge-pump is used to drive the high-side switches. The logic supply voltage VCC
(stabilized 5 V) is used for the logic part and the SPI of the device.
Due to the independent logic supply voltage the control and status information is not lost, if
there are temporary spikes or glitches on the power supply voltage. In case of power-on
(VCC increases from under voltage to VPOR Off = 4.2 V) the circuit is initialized by an
internally generated power-on-reset (POR). If the voltage VCC decreases under the
minimum threshold (VPOR ON = 3.4 V), the outputs are switched to 3-state (high impedance)
and the status registers are cleared.
3.2
Standby mode
The standby mode of the L99MOD53XP is activated by clearing the bit 23 of the input data
register 0. All latched data are cleared and the inputs and outputs are switched to high
impedance. In the standby mode the current at VS (VCC) is less than 6 µA (50 µA) for 
CSN = high (DO in 3-state). By switching the VCC voltage a very low quiescent current can
be achieved. If bit 23 is set, the device is switched to active mode.
3.3
Inductive loads
Each half bridge is built by an internally connected high-side and a low-side power DMOS
transistor. Due to the built-in reverse diodes of the output transistors, inductive loads can be
driven at the outputs OUT1 to OUT5 without external free-wheeling diodes. The high-side
drivers OUT6 to OUT8 are intended to drive resistive loads. Hence only a limited energy
(E<1mJ) can be dissipated by the internal ESD diodes in freewheeling condition. For
inductive loads (L>100µH) an external free-wheeling diode connected to GND and the
corresponding output is needed.
3.4
Diagnostic functions
All diagnostic functions (over/open-load, power supply over-/under voltage, temperature
warning and thermal shutdown) are internally filtered and the condition has to be valid for at
least 32 µs (open-load: 1 ms, respectively) before the corresponding status bit in the status
registers is set. The filters are used to improve the noise immunity of the device. Open-load
and temperature warning functions are intended for information purpose and don't change
the state of the output drivers. On the contrary, the overload condition disables the
corresponding driver (over-current) and overtemperature switches off all drivers (thermal
shutdown). Without setting the over-current recovery bits in the input data register, the
microcontroller has to clear the over-current status bits to reactivate the corresponding
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com