Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 1 Page - STMicroelectronics

  L99MOD53XP Datasheet HTML 1Page - STMicroelectronics L99MOD53XP Datasheet HTML 2Page - STMicroelectronics L99MOD53XP Datasheet HTML 3Page - STMicroelectronics L99MOD53XP Datasheet HTML 4Page - STMicroelectronics L99MOD53XP Datasheet HTML 5Page - STMicroelectronics L99MOD53XP Datasheet HTML 6Page - STMicroelectronics L99MOD53XP Datasheet HTML 7Page - STMicroelectronics L99MOD53XP Datasheet HTML 8Page - STMicroelectronics L99MOD53XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
November 2021
DS12617 Rev 5
1/35
L99MOD53XP
Multi-output driver for automotive applications
Datasheet
- production data
Features
 AEC-Q100 qualified
 Three half bridges for 0.75 A loads
(RDSon=1600 mΩ
 Two configurable high-side drivers for up to
1.5 A load (RDSon=500 mΩor0.35 A load
(RDSon=1800 mΩ)
 One full bridge for 6 A load (RDSon =150 mΩ)
 One high-side driver for 6 A load
(RDSon =100 mΩ)
 Programmable soft start function to drive loads
with higher inrush currents (i.e. current >6 A,
>1.5 A)
 Very low current consumption in standby mode
(IS < 6 µA typ; Tj 85 °C)
 All outputs short circuit protected
 Current monitor output for high-side OUT1,
OUT4, OUT5 and OUT8
 All outputs over temperature protected
 Open-load diagnostic for all outputs
 Overload diagnostic for all outputs
 PWM control of all outputs
 Charge pump output for reverse polarity
protection
Applications
L99MOD devices are recommended for those
applications that need multiple motors control with
additional loads in high-side configuration, such
as bulbs/LEDs or requiring protected supply, like
sensors or cameras.
Description
The L99MOD53XP is a microcontroller-driven
multifunctional actuator driver for automotive
applications.
Up to three DC motors and three grounded
resistive loads can be driven with five half bridges
and three high-side drivers.
The integrated SPI controls all operating modes
(forward, reverse, brake and high impedance).
Also all diagnostic information is available via SPI
read.
PowerSSO-36
Table 1. Device summary
Package
Order codes
Packing
PowerSSO-36
L99MOD53XPTR
Tape and reel
www.st.com


Similar Part No. - L99MOD53XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results

Similar Description - L99MOD53XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
logo
Recom International Pow...
RP-XX06 RECOM-RP-XX06 Datasheet
496Kb / 5P
6V Output For GaN Driver Applications
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
High power LED driver for automotive applications
25-Jul-2018
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com