Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 17Page - STMicroelectronics L99MOD53XP Datasheet HTML 18Page - STMicroelectronics L99MOD53XP Datasheet HTML 19Page - STMicroelectronics L99MOD53XP Datasheet HTML 20Page - STMicroelectronics L99MOD53XP Datasheet HTML 21Page - STMicroelectronics L99MOD53XP Datasheet HTML 22Page - STMicroelectronics L99MOD53XP Datasheet HTML 23Page - STMicroelectronics L99MOD53XP Datasheet HTML 24Page - STMicroelectronics L99MOD53XP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DS12617 Rev 5
21/35
L99MOD53XP
Application information
34
3.10
Current monitor
The current monitor output sources a current image at the current monitor output which has
a fixed ratio (1/10000) of the instantaneous current of the selected high-side driver. The bits
18 and 19 of the input data register 0 control which of the outputs OUT1, OUT4, OUT5, and
OUT8 are multiplexed to the current monitor output. The current monitor output allows a
more precise analysis of the actual state of the load rather than the detection of an open- or
overload condition. For example this can be used to detect the motor state (starting, free-
running, stalled). Moreover, it is possible to regulate the power of the defroster more
precisely by measuring the load current. The current monitor output is bidirectional (c.f.
PWM inputs).
3.11
PWM inputs
Each driver has a corresponding PWM enable bit which can be programmed by the SPI
interface. If the PWM enable bit in input data register 1 is set, the output is controlled by the
logically AND-combination of the PWM signal and the output control bit in input data
register 0. The outputs OUT1-OUT6 and OUT8 are controlled by the PWM1 input and the
output OUT7 is controlled by the bidirectional input CM/PMW2. For example, the two PWM
inputs can be used to dim two lamps independently by external PWM signals.
3.12
Cross-current protection
The six half-bridges of the device are cross-current protected by an internal delay time. If
one driver (LS or HS) is turned-off the activation of the other driver of the same half bridge is
automatically delayed by the cross-current protection time. After the cross-current protection
time is expired the slew-rate limited switch-off phase of the driver is changed to a fast turn-
off phase and the opposite driver is turned-on with slew-rate limitation. Due to this behavior
it is always guaranteed that the previously activated driver is totally turned-off before the
opposite driver starts to conduct.
3.13
Programmable soft start function to drive loads with higher
inrush current
Loads with start-up currents higher than the over-current limits (e.g. inrush current of lamps,
start current of motors and cold resistance of heaters) can be driven by using the
programmable soft start function (i.e. overcurrent recovery mode). Each driver has a
corresponding over-current recovery bit. If this bit is set, the device switches-on
automatically the outputs again after a programmable recovery time. The duty cycle in over-
current condition can be programmed by the SPI interface to be about 12% or 25%. The
PWM modulated current provides sufficient average current to power up the load (e.g. heat
up the bulb) until the load reaches operating condition. The PWM frequency settles at 3 kHz
or 6 kHz. The device itself cannot distinguish between a real overload and a non linear load
like a light bulb. A real overload condition can only be qualified by time. As an example the
microcontroller can switch on light bulbs by setting the over-current recovery bit for the first
50 ms. After clearing the recovery bit the output is automatically disabled if the overload
condition still exits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com