Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 22Page - STMicroelectronics L99MOD53XP Datasheet HTML 23Page - STMicroelectronics L99MOD53XP Datasheet HTML 24Page - STMicroelectronics L99MOD53XP Datasheet HTML 25Page - STMicroelectronics L99MOD53XP Datasheet HTML 26Page - STMicroelectronics L99MOD53XP Datasheet HTML 27Page - STMicroelectronics L99MOD53XP Datasheet HTML 28Page - STMicroelectronics L99MOD53XP Datasheet HTML 29Page - STMicroelectronics L99MOD53XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Functional description of the SPI
L99MOD53XP
26/35
DS12617 Rev 5
17
OUT8 – HS on/off
If a bit is set the selected
output driver is switched On. If
the corresponding PWM
enable bit is set (input register
1) the driver is only activated if
PWM1 (PWM2) input signal is
high. The outputs of OUT1-
OUT5 are half bridges. If the
bits of HS- and LS-driver of
the same half bridge are set,
the internal logic prevents that
both drivers of this output
stage can be switched on
simultaneously in order to
avoid a high internal current
from VS to GND.
OUT8 – HS over-
current
In case of an over-current event
the corresponding status bit is set
and the output driver is disabled. If
the over-current recovery enable
bit is set (input register 1) the
output will be automatically
reactivated after a delay time
resulting in a PWM modulated
current with a programmable duty
cycle (bit 21).
If the over-current recovery bit is
not set the microcontroller has to
clear the over-current bit (reset bit)
to reactivate the output driver.
16
x (don’t care)
0
15
OUT7 – HS on/off
OUT7 – HS over-
current
14
OUT6 – HS on/off
OUT6 – HS over-
current
13
x (don’t care)
0
12
x (don’t care)
0
11
x (don’t care)
10
OUT5 – HS on/off
OUT5 – HS over-
current
9
OUT5 – LS on/off
OUT5 – LS over-
current
8
OUT4 – HS on/off
OUT4 – HS over-
current
7
OUT4 – LS on/off
OUT4 – LS over-
current
6
OUT3 – HS on/off
OUT3 – HS over-
current
5
OUT3 – LS on/off
OUT3 – LS over-
current
4
OUT2 – HS on/off
OUT2 – HS over-
current
3
OUT2 – LS on/off
OUT2 – LS over-
current
2
OUT1 – HS on/off
OUT1 – HS over-
current
1
OUT1 – LS on/off
OUT1 – LS over-
current
0
0
No error bit
A logical NOR-combination of all
bits 1 to 22 in both status registers.
Table 18. SPI - input data and status registers 0 (continued)
Bit
Input register 0 (write)
Status register 0 (read)
Name
Comment
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com