Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 10Page - STMicroelectronics L99MOD53XP Datasheet HTML 11Page - STMicroelectronics L99MOD53XP Datasheet HTML 12Page - STMicroelectronics L99MOD53XP Datasheet HTML 13Page - STMicroelectronics L99MOD53XP Datasheet HTML 14Page - STMicroelectronics L99MOD53XP Datasheet HTML 15Page - STMicroelectronics L99MOD53XP Datasheet HTML 16Page - STMicroelectronics L99MOD53XP Datasheet HTML 17Page - STMicroelectronics L99MOD53XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Electrical specifications
L99MOD53XP
14/35
DS12617 Rev 5
2.5
SPI - electrical characteristics
VS = 8 to 16 V, VCC = 4.5 to 5.3 V, Tj = - 40 to 150°C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows
into the pin.
frec1
Recovery frequency for OC
recovery duty cycle bit=1
316
kHz
dVOUT123/dt
dVOUT67/dt
Slew rate of OUT123 and
OUT67
VS =13.5 V, Rload=(1)
0.1
0.4
0.9
V/µs
dVOUT45/dt
Slew rate of OUT4 and OUT5 VS =13.5 V, Rload=(1)
0.08
0.2
0.4
V/µs
dVOUT8/dt
Slew rate of OUT8
VS =13.5 V, Rload=(1)
0.08
0.2
0.4
V/µs
1.
OUT1,2,3 32 Ω OUT4,5 4 Ω OUT6,7 16 Ω OUT6,7 high RDSon mode 63Ω OUT8 4 Ω
2. tCC ON is the switch On delay time td ON if complement in half bridge has to switch off.
Table 11. OUT1 - OUT8 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12. Delay time from standby to active mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Delay time
Switching from standby to active mode. Time
until output drivers are enabled after CSN going
160
300
µs
Table 13. Inputs: CSN, CLK, PWM1/2 and DI
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VinL
Input low level
VCC = 5 V
1.5
2.0
V
VinH
Input high level
VCC = 5 V
3.0
3.5
V
VinHyst
Input hysteresis
VCC = 5 V
0.5
V
ICSN in
Pull up current at input CSN
VCSN = 3.5 V VCC = 5 V
-40
-20
-5
µA
ICLK in
Pull down current at input CLK
VCLK = 1.5 V
10
25
50
µA
IDI in
Pull down current at input DI
VDI = 1.5 V
10
25
50
µA
IPWM1 in
Pull down current at input PWM1
VPWM = 1.5 V
10
25
50
µA
Cin(1)
Input capacitance at input CSN,
CLK, DI and PWM1/2
0 V < VCC < 5.3 V
10
15
pF
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 14. DI timing
Symbol
Parameter(1)
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
VCC = 5 V
1000
ns
tCLKH
Clock high time
VCC = 5 V
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com