Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 21Page - STMicroelectronics L99MOD53XP Datasheet HTML 22Page - STMicroelectronics L99MOD53XP Datasheet HTML 23Page - STMicroelectronics L99MOD53XP Datasheet HTML 24Page - STMicroelectronics L99MOD53XP Datasheet HTML 25Page - STMicroelectronics L99MOD53XP Datasheet HTML 26Page - STMicroelectronics L99MOD53XP Datasheet HTML 27Page - STMicroelectronics L99MOD53XP Datasheet HTML 28Page - STMicroelectronics L99MOD53XP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
DS12617 Rev 5
25/35
L99MOD53XP
Functional description of the SPI
34
4.8
SPI - input data and status registers
Table 18. SPI - input data and status registers 0
Bit
Input register 0 (write)
Status register 0 (read)
Name
Comment
Name
Comment
23
Enable bit
If enable bit is set the device
will be switched in active
mode. If enable bit is cleared
the device go into standby
mode and all bits are cleared.
After power-on reset device
starts in standby mode.
Always 1
A broken VCC-or SPI-connection
of the L99MOD53XP can be
detected by the microcontroller,
because all 24 bits low or high is
not a valid frame.
22
Reset bit
If reset bit is set both status
registers will be cleared after
rising edge of CSN input.
VS overvoltage
In case of an overvoltage or
undervoltage event the
corresponding bit is set and the
outputs are deactivated. If VS
voltage recovers to normal
operating conditions outputs are
reactivated automatically (if Bit 20
of status register 0 is not set).
21
OC recovery duty
cycle
This bit defines in combination
with the over-current recovery
bit (Input register 1) the duty
cycle in over current condition
of an activated driver.
VS undervoltage
0: 12%
1: 25%
20
Overvoltage/
undervoltage
recovery disable
If this bit is set the
microcontroller has to clear
the status register after
undervoltage/overvoltage
event to enable the outputs.
Thermal shutdown
In case of a thermal shutdown all
outputs are switched off.
The microcontroller has to clear the
TSD bit by setting the reset bit to
reactivate the outputs.
19
Current monitor
select bits
Depending on combination of
bit 18 and 19 the current
image (1/10.000) of the
selected HS-output will be
multi-plexed to the CM output:
Temperature
warning
This TW bit is for information
purpose only. It can be used for a
thermal management by the
microcontroller to avoid a thermal
shutdown.
18
Bit 19 Bit 18
Output
Not ready bit
After switching the device from
standby mode to active mode an
internal timer is started to allow
charge pump to settle before the
outputs can be activated. This bit is
cleared automatically after start up
time has finished. Since this bit is
controlled by internal clock it can
be used for synchronizing testing
events (e.g. measuring filter times).
00
OUT8
10
OUT1
01
OUT5
11
OUT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com