Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD53XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99MOD53XP
Description  Multi-output driver for automotive applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD53XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99MOD53XP Datasheet HTML 4Page - STMicroelectronics L99MOD53XP Datasheet HTML 5Page - STMicroelectronics L99MOD53XP Datasheet HTML 6Page - STMicroelectronics L99MOD53XP Datasheet HTML 7Page - STMicroelectronics L99MOD53XP Datasheet HTML 8Page - STMicroelectronics L99MOD53XP Datasheet HTML 9Page - STMicroelectronics L99MOD53XP Datasheet HTML 10Page - STMicroelectronics L99MOD53XP Datasheet HTML 11Page - STMicroelectronics L99MOD53XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Block diagram and pin description
L99MOD53XP
8/35
DS12617 Rev 5
6, 7, 14, 15, 23,
25, 28, 32
VS
Power supply voltage (external reverse protection required)
For this input a ceramic capacitor as close as possible to GND is recommended.
Important: for the capability of driving the full current at the outputs all pins of VS
must be externally connected.
8DI
Serial data input
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is a 24bit control word and the least significant bit (LSB,
bit 0) is transferred first.
9
CM/PWM2
Current monitor output/PWM2 input
Depending on the selected multiplexer bits of input data register this output
sources an image of the instant current through the corresponding high-side
driver with a ratio of 1/10.000. This pin is bidirectional. The microcontroller can
overdrive the current monitor signal to provide a second PWM input for the output
OUT7.
10
CSN
Chip select not input
This input is low active and requires CMOS logic levels. The serial data transfer
between L99MOD53XP and micro controller is enabled by pulling the input CSN
to low level.
11
DO
Serial data output
The diagnosis data is available via the SPI and this 3-state output. The output will
remain in 3-state, if the chip is not selected by the input CSN (CSN = high)
12
VCC
Logic supply voltage
For this input a ceramic capacitor as close as possible to GND is recommended.
13
CLK
Serial clock input
This input controls the internal shift register of the SPI and requires CMOS logic
levels.
16, 17, 20, 21
OUT4 OUT5
Half-bridge-output 4,5:
see OUT1 (pin 3).
Important: for the capability of driving the full current at the outputs both pins of
OUT4 (OUT5, respectively) must be externally connected.
26
CP
Charge pump output
This output is provided to drive the gate of an external n-channel PowerMOS
used for reverse polarity protection
27
PWM1
PWM1 input:
This input signal can be used to control the drivers OUT1-OUT6 and OUT8 by an
external PWM signal.
31
33
OUT6,
OUT7
High side-driver-output 6,7:
Each output is built by a high-side switch and is intended for resistive loads,
hence the internal reverse diode from GND to the output is missing. For ESD
reason a diode to GND is present but the energy which can be dissipated is
limited. Each high-side driver is a power DMOS transistor with an internal
parasitic reverse diode from each output to VS (bulk-drain-diode). Each output is
over-current and open-load protected.
22, 24, 29,
30, 34
NC
Not connected pins.
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com