Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 40Page - STMicroelectronics PM8805 Datasheet HTML 41Page - STMicroelectronics PM8805 Datasheet HTML 42Page - STMicroelectronics PM8805 Datasheet HTML 43Page - STMicroelectronics PM8805 Datasheet HTML 44Page - STMicroelectronics PM8805 Datasheet HTML 45Page - STMicroelectronics PM8805 Datasheet HTML 46Page - STMicroelectronics PM8805 Datasheet HTML 47Page - STMicroelectronics PM8805 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
DS12813 Rev 2
45/48
PM8805
VFQFPN43 package mechanical data
48
Figure 15. VFQFPN43 8x8mm 43 lead 0.5mm pitch (8x8x1.0 mm ) mechanical data 2
Figure 16. VFQFPN43 8x8mm 43 lead 0.5mm pitch (8x8x1.0 mm) mechanical data 3
PACKAGE DIMENSIONS
DATABOOK
SYMBOL
NOTE
MIN.
NOM.
MAX.
A
0.8
0.9
1.00
A1
0.00
0.02
0.05
A3
0.20 ref
b
0.23
0.28
0.33
D
8.00 BSC
E
8.00 BSC
D1
2.205
2.355
2.455
E1
5.790
5.940
6.040
D2
0.85
1.00
1.10
E2
1.17
1.32
1.42
D3
1.17
1.32
1.42
E3
0.85
1.00
1.10
K
0.2
---------
-----------
L
0.30
0.40
0.50
N
43
3
NOTES
1,2
LF P/N
443431
SYMBOL
TOLERANCE OF FORM AND POSITION
DATABOOK
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
NOTE
0.08
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com