Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 15Page - STMicroelectronics PM8805 Datasheet HTML 16Page - STMicroelectronics PM8805 Datasheet HTML 17Page - STMicroelectronics PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DS12813 Rev 2
19/48
PM8805
PM8805 overview
48
4
PM8805 overview
The PM8805 integrates a dual MOSFET bridge and a PD-PoE single-signature interface,
specifically designed to support high power, 4-pair (4P) applications, as being specified in
the new IEEE802.3bt standard, but also capable of working with high efficiency, 2P
applications.
Typically, after the data transformer a diode bridge is used to set a defined polarity to the
input voltage since such polarity on the Ethernet cable may vary.
Considering the maximum power levels defined by the IEEE802.3-2015 standard (25 W for
a Type2 PD) the diode bridges power losses may still be acceptable, but with new power
hungry applications like UPOE, with more than 50 W at PD end, the power losses of a
standard diode bridge become too high.
The same consideration is valid for standard applications that need to squeeze the
maximum available power from the PSE. For example, comparing a diode bridge with Vd=
0.8 V with bridged 100 mΩ Ron MOSFETs, the gain at 0.5 A, 50 V is about 0.75 W out of 25
W, i.e. about 3% on overall efficiency.
4.1
Detection and DET pin
In Power over Ethernet (PoE) systems, the Power Sourcing Equipment (PSE) senses the
Ethernet connection to detect whether a Powered Device (PD) is plugged into the cable
termination physical interface (PI). This is done by applying a small voltage (2.7 V to 10 V)
on one of the two couples of pairs that constitute the Ethernet cable and measuring the
equivalent resistance in at least two consecutive steps.
During this phase, called Detection, the PD must present a signature resistance between
23.75 kΩ and 26.25 kΩ on each pair-set.
If a single PD is connected to the PI, it may share the same detection resistor for both pair-
sets. Such a PD is called Single-Signature PD.
On the PM8805, the signature resistor must be connected between DET and VOB pins.
This resistor is in series to a pass transistor (see Figure 4) enabled only during the detection
phase. No current is flowing through the signature resistor for the rest of the operative
phases (Classification and Power On).
The value of the detection resistance has to be selected also taking into account for the
additional current flowing into any external circuitry put under the input voltage, e.g. the
active bridge. For this reason the typical value that can be used in most cases is 26.1 kΩ.
During Detection, most of the circuitry inside the PM8805, as well as the active bridge, is
disabled to minimize the offset current. The current drawn by the IC in this phase is typically
15 uA at 8 V with resistive behavior, so the residual offset current is much less than 10 uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com