Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics PM8805 Datasheet HTML 31Page - STMicroelectronics PM8805 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
PM8805 overview
PM8805
28/48
DS12813 Rev 2
4.8
Hot swap protections
Fault conditions for the hot swap MOSFET can be:
 a severe hot swap MOSFET overcurrent;
 a voltage drop higher than 14 V across the hot swap MOSFET;
 a combination of the two above conditions, like a short-circuit between VOUT and GND.
Such fault conditions are internally detected monitoring the current flowing through the hot
swap MOSFET, and also the voltage across it, and signaled to the control logic.
If the overcurrent condition is above the level Idc_OC1 (2.5 A typ.) but does not reach the
2nd level (Idc_OC2, 5A typ.) and last for more than the time Td_OC1 (1 ms typ.), then the
gate voltage is shorted to VOUT and the PGD signal is deasserted for the time Tretry (10 ms
typ.); after that a new startup attempt is performed.
In case of a severe overcurrent, the Idc_OC2 current threshold (5 A typ.) is reached, the
gate voltage and the PGD signal are forced low after the time Td_OC2 (10 us typ.) and is
deasserted for the time Tretry; after that a new startup attempt is performed.
In case of a voltage drop higher than VDS_fail (14 V typ.) across the hot swap MOSFET, the
gate voltage is shorted to VOUT and the PGD signal is forced low after VDS fail delay (400
us typ.). If that voltage drop is combined with a 2nd level overcurrent condition, the delay is
reduced to Td_OC2 (10 us typ.).
The protections implemented in the PM8805 allow to overcome the temporary faulty
operating conditions and not catastrophic events like a very strong short-circuit on the Vout.
Note also that if the fault persists for a time longer than Tretry the new startup attempt fails
due to the limited current available during the startup phase; the fault needs to be removed
to be able to have a successful new startup attempt.
4.9
Interface with a DC/DC converter
In most of the PoE applications a common mode filter is required to allow the PoE converter
to be compliant with the applicable EMI standards.
The right position where such a filter is introduced is between PM8805 and the PoE
converter, as shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com