Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 13Page - STMicroelectronics PM8805 Datasheet HTML 14Page - STMicroelectronics PM8805 Datasheet HTML 15Page - STMicroelectronics PM8805 Datasheet HTML 16Page - STMicroelectronics PM8805 Datasheet HTML 17Page - STMicroelectronics PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DS12813 Rev 2
17/48
PM8805
Electrical specifications
48
Iinrush_high
Inrush current high value
Sourced by VOUT when VOB-
VOUT=7V
95
125
155
mA
Iinrush_ave
Average inrush current
VOUT=0V to 57V
75
mA
Inrush_delay
Iinrush startup delay
From UVLO release
1
ms
Iload_inrush
Load current capability during
inrush
VOUT=0V to VOB, PGD=0
10
mA
VDS good
PGD assertion condition
VOB - VOUT (VOUT rising)
0.5
0.7
V
VDS good delay
PGD assertion delay
VOB - VOUT (VOUT rising)
0.4
ms
VGS good
PGD assertion condition
CTRL - VOUT (CTRL rising)
36
V
VDS fail
PGD de-assertion condition
VOB - VOUT (VOUT falling)
12
18V
VDS fail delay
PGD de-assertion delay
VOB - VOUT (VOUT falling)
hot swap open
0.4
ms
VDS fail delay
PGD de-assertion delay
VOB - VOUT (VOUT falling)
hot swap closed
10
15
us
Idc_OC1
VOUT OC1 protection
VOUT>3V
2.0
3.0
A
Td_OC1
OC1 PGD de-assertion delay
OC1 PGD de-assertion delay
0.9
1
1.1
ms
Idc_OC2
VOUT OC2 protection
4.0
6.0
A
Td_OC2
OC2 PGD de-assertion delay
OC2 PGD de-assertion delay
10
15
us
Tretry
After PGD de-assertion
9
10
11
ms
STBY, FAUX, RAUX signals
FAUX_thr,
RAUX_thr,
STBY_thr
Threshold
Signal rising, measured between
VOB and AGND
1.20
1.25
1.30
V
FAUX_hyst,
RAUX_hyst,
STBY_hyst
Hysteresis
Signal falling, measured between
VOB and AGND
250
mV
RAUX_del
RAUX delay rising
From RAUX = 1 to
device acceptance
3.3
ms
RAUX_del
RAUX delay falling
From RAUX = 0 to
device acceptance
65
us
FAUX_del
FAUX delay
From FAUX = 1 to
device acceptance
1ms
RAUX_res
RAUX input resistance
Measured from pin to AGND
250
400
kΩ
RAUX_det_thr
Threshold in detection range
VDD=VOB=9V
1.0
2.0
V
Sleep/Wkup_del
Sleep/Wkup delay
Input setup to sleep/wakeup delay
3.3
ms
Shdn_del
Shutdown delay
Input setup to shutdown delay
3.3
ms
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com