Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 5Page - STMicroelectronics PM8805 Datasheet HTML 6Page - STMicroelectronics PM8805 Datasheet HTML 7Page - STMicroelectronics PM8805 Datasheet HTML 8Page - STMicroelectronics PM8805 Datasheet HTML 9Page - STMicroelectronics PM8805 Datasheet HTML 10Page - STMicroelectronics PM8805 Datasheet HTML 11Page - STMicroelectronics PM8805 Datasheet HTML 12Page - STMicroelectronics PM8805 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DS12813 Rev 2
9/48
PM8805
Pin description and connection diagram
48
5
CLS2
Classification resistor pin for first and second Class Events.
Connect a 0805 classification programming resistor from this pin to
AGND.
The external resistor is activated with a 3.3ms typ. delay with
respect to the classification event.
6
AGND
This pin is the ground connection for the PM8805 controller.
It must be connected to the other GNDxx pins with short and strong
trace.
7T0
PSE type identification signal.
T0 open drain signal assertion happens as described in Table 3.
This pin is an active low signal, and can be pulled up to VB with an
external resistor.
8T1
PSE type identification signal.
T1 open drain signal assertion happens as described in Table 3.
This pin is an active low signal, and can be pulled up to VB with an
external resistor.
9T2
PSE type identification signal.
T2 open drain signal assertion happens as described in Table 3.
This pin is an active low signal, and can be pulled up to VB with an
external resistor.
10
FAUX
This pin can be used to allow the PD to be powered with an auxiliary
power source like an external wall adapter connected before the hot
swap MOSFET, with voltage lower than the nominal PoE voltage
range. Pulling up this pin forces the hot swap MOSFET to turn on
when VIN is below the internal UVLO threshold. It may also be used
to implement a UVLO override for a low-voltage PoE application.
It may be used in combination with RAUX and STBY pins to perform
operational modes as described in Table 4.
Use a resistor voltage divider from the auxiliary voltage to AGND to
connect this 5V voltage rating pin: typical value for the threshold is
1.25V.
Connect this pin to AGND if not used.
11
RAUX
This pin can be used to give high priority to an auxiliary power
source like an external wall adapter connected after the hot swap
MOSFET, without stopping the DC/DC operations.
It may be used in combination with FAUX and STBY pins to perform
operational modes as described in Table 4.
Use a resistor voltage divider from the auxiliary voltage to AGND to
connect this 5V voltage rating pin: typical value for the threshold is
1.25V.
Connect this pin to AGND if not used.
12, 15, 16
IN12
Input for the signals connected to "Tx and Rx" pairs. This signal,
along with IN36 signals, is used to feed the 1st internal bridge.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com