Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 32Page - STMicroelectronics PM8805 Datasheet HTML 33Page - STMicroelectronics PM8805 Datasheet HTML 34Page - STMicroelectronics PM8805 Datasheet HTML 35Page - STMicroelectronics PM8805 Datasheet HTML 36Page - STMicroelectronics PM8805 Datasheet HTML 37Page - STMicroelectronics PM8805 Datasheet HTML 38Page - STMicroelectronics PM8805 Datasheet HTML 39Page - STMicroelectronics PM8805 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
PM8805 overview
PM8805
36/48
DS12813 Rev 2
Figure 10. MPS current profile
4.14
Special operation modes
Beyond the standard operation modes, the combination of the input commands described in
Table 10 activate three special operation modes that can be useful in certain cases; all the
special modes have as a basic assumption that the PD system has been successfully
detected and classified; in other words, the PD system has already been powered by a
PSE.
Rear Aux with MPS
This operation mode allows the PD to maintain an active connection with the PSE even if a
wall adapter is connected in rear configuration.
The behavior of the system is similar to a rear aux mode described in Section 4.10, but as
the MPS pulses are active, the PD load is powered by the auxiliary supply while the PoE line
is maintained active with the sole MPS current consumption.
This operation mode occurs under certain conditions:
the auxiliary source voltage is lower than / but close to the PoE voltage (12 V max. in
order to avoid activation of VDS_fail protection: for example, PoE at 54 V and Aux at 48 V).
A smooth transition to PoE power is also possible when removing the auxiliary source, while
the PoE to rear aux smooth transition is always guaranteed if the following conditions are
satisfied:
a)
the Cout, which must provide enough energy to the load for all the time period
between the Aux removal and the closure of the hot swap MOSFET: as a general
rule of thumb use 1 uF for each watt on the load;
b)
the inrush current must be lower than the OC2 threshold; a proper selection of the
capacitor on the CTRL pin permits to control the peak current at the closure of the
hot swap MOSFET: as a general rule of thumb a value between 1 and 2.2 nF
covers most of the applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com