Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 37Page - STMicroelectronics PM8805 Datasheet HTML 38Page - STMicroelectronics PM8805 Datasheet HTML 39Page - STMicroelectronics PM8805 Datasheet HTML 40Page - STMicroelectronics PM8805 Datasheet HTML 41Page - STMicroelectronics PM8805 Datasheet HTML 42Page - STMicroelectronics PM8805 Datasheet HTML 43Page - STMicroelectronics PM8805 Datasheet HTML 44Page - STMicroelectronics PM8805 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DS12813 Rev 2
41/48
PM8805
Layout guidelines
48
6
Layout guidelines
Here follows a list of recommended procedures to be considered during the routing of a
board layout.
The basic assumption is using a 4 layer, 35 um Cu thickness board layout.
The top layer should be used for the exposed pads and for most of the signal routing.
The bottom layer is used mainly for replicated, enlarged copper areas of top exp pads and
for remaining signal not routed on top.
Inner layers is for GND copper plane and for routing of VOB and VOUT signals.
In more detail:
The layout must comply with the minimum creepage distance of 0.7 mm between high-
voltage pins and adjacent low-voltage pins. Take into account that this requirement is valid
for top and bottom layers where the copper areas and/or traces are exposed (uncoated
PCB), while for inner layers the creepage distance can be reduced to about 0.2 mm.
1.
Use short traces of at least 30 mils to connect the data transformer to the signals: IN12,
IN36, IN45 and IN78; those signals may carry up to 1 A each trace. The trace of those
signals may have an impact on the current unbalance at PD interface: try to route those
signals with the same trace width and same length. Route those signals in inner layers
and replicate exposed pad copper area on the bottom layers, connecting them with 4 -
6 vias for a strong electrical and thermal path: the equivalent copper area for each
signal should be around 0.12"x0.12" minimum (3 x 3 mm repeated at least 3 times);
better results are obtained with copper areas of 0.2"x0.2" (5x5 mm).
2.
The 4 copper areas at each corner of the package is connected to the other layers with
the same copper area using multiple vias, at least 4-6 for each area on top layer.
AGND signal must be connected to GND copper plane with a short trace of 20 mils
minimum.
3.
VOB large exp pad must be connected with the exp pad of the hot swap MOSFET and
both connected to a large VOB copper area in an inner layer and on the bottom layer
with 4 - 6 vias close to each MOSFET die position for a strong electrical and thermal
path: the equivalent copper area for VOB signal should be around 0.6"x0.8" (15 x 20
mm repeated at least 2 times plus the min. pad shape repeated again two times).
4.
VOUT signal may carry up to 2 A; it is connected to an inner copper plane with short
trace and at least 4-6 vias. In case it is routed with a short trace to the load, use a trace
width of 60 mils.
5.
5.Remaining signals is routed on top and bottom layer, with no special care except wtth
respect to the creepage distances toward the other signals.
Figure 13 shows an example of a real layout done on a 4 layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com