Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DS12813 Rev 2
23/48
PM8805
PM8805 overview
48
Note 1. T2 output indicates the number of used bridges. If the value is 1, only one bridge is
used (2-pair), if the value is zero, both the bridges are used (4-pairs).
The Classification phase is valid only for PoE devices, so it is not required when connected
to any non-PoE power source such as a wall adapter; in that cases the CLS buffers are
never turned on. See Section 4.10 for more details on auxiliary sources. The CLS buffers
are turned off in case a thermal protection occurs.
Table 7. Classification table
PSE
PD class
(Requested)
CLS1
resistor
(
Ω)
CLS2
resistor
(
Ω)
Class
events
PD
allocated
power (W)
PD
class
(Assigned)
T0
output
T1
output
T2
output
(Note 1)
Type 1
(1-event)
0
2K
--
1
12.95
0
1
1
1
1
150
--
1
3.84
1
1
1
1
2
80.6
--
1
6.49
2
1
1
1
3
51.1
--
1
12.95
3
1
1
1
Type 2
(2-events)
4
36.5
--
2
25.5
40
1
1
--
1
12.95
3
1
1
1
Type 3 or 4
(5-events)
1st event has
a Long Pulse
1
150
--
1
3.84
1
1
1
0 or 1
2
80.6
--
1
6.49
1
1
1
0 or 1
3
51.1
--
1
12.95
1
1
1
0 or 1
4
36.5
--
2, 3
25.5
4
0
1
0 or 1
1
12.95
3
1
1
0 or 1
52K
440
51
0
0
2, 3
25.5
4
0
1
0 or 1
1
12.95
3
1
1
0 or 1
6
150
451
61
0
0
2, 3
25.5
4
0
1
0 or 1
1
12.95
3
1
1
0 or 1
7
80.6
562
70
0
0
451
6
10
0
2, 3
25.5
4
0
1
0 or 1
1
12.95
3
1
1
0 or 1
8
51.1
5
71.3
80
0
0
451
6
10
0
2, 3
25.5
4
0
1
0 or 1
1
12.95
3
1
1
0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com